전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RQB150W3 데이터시트 (PDF) - Mean Well Enterprises Co., Ltd.

RQB150W3 Datasheet PDF - Mean Well Enterprises Co., Ltd.
부품명 RQB150W3
다운로드  RQB150W3 다운로드
파일 크기   164.39 Kbytes
페이지   8 Pages
제조업체  MEANWELL [Mean Well Enterprises Co., Ltd.]
홈페이지  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
상세설명 150W Quarter Brick 60~160Vdc wide Input Railway DC-DC Converter

RQB150W3 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
RQB150W3 Datasheet PDF - Mean Well Enterprises Co., Ltd.

부품명 RQB150W3
다운로드  RQB150W3 Click to download

파일 크기   164.39 Kbytes
페이지   8 Pages
제조업체  MEANWELL [Mean Well Enterprises Co., Ltd.]
홈페이지  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
상세설명 150W Quarter Brick 60~160Vdc wide Input Railway DC-DC Converter

RQB150W3 데이터시트 (HTML) - Mean Well Enterprises Co., Ltd.


RQB150W3 제품 세부 정보

Features
*Quarter-brick(2.28" x 1.45" x 0.5") with industrial standard
pin-out
* Compliance with railway standard EN50155
*3:1(80~160Vdc) wide input range
* Wide operating temperature range -40 ~ +90°C
* No minimum load required
* Full encapsulated
* Protections: Short circuit (Continuous) / Overload /
Over temperature / Over voltage /
Input under voltage lockout
* 3KVAC I/0 isolation
* Remote ON/OFF control and remote sense
* Triming output(£10%)
* 3years warranty




유사한 부품 번호 - RQB150W3

제조업체부품명데이터시트상세설명
logo
Mean Well Enterprises C...
RQB150W12 MEANWELL-RQB150W12 Datasheet
1Mb / 9P
150W Quarter Brick 14~160Vdc wide Input Railway DC-DC Converter
2024-04-30
RQB150W12-110S12 MEANWELL-RQB150W12-110S12 Datasheet
1Mb / 9P
150W Quarter Brick 14~160Vdc wide Input Railway DC-DC Converter
2024-04-30
RQB150W12-110S24 MEANWELL-RQB150W12-110S24 Datasheet
1Mb / 9P
150W Quarter Brick 14~160Vdc wide Input Railway DC-DC Converter
2024-04-30
RQB150W12-110S48 MEANWELL-RQB150W12-110S48 Datasheet
1Mb / 9P
150W Quarter Brick 14~160Vdc wide Input Railway DC-DC Converter
2024-04-30
RQB150W12-110S54 MEANWELL-RQB150W12-110S54 Datasheet
1Mb / 9P
150W Quarter Brick 14~160Vdc wide Input Railway DC-DC Converter
2024-04-30
More results


유사한 설명 - RQB150W3

제조업체부품명데이터시트상세설명
logo
SynQor Worldwide Headqu...
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
Quarter-brick DC/DC Converter
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
Quarter-brick DC/DC Converter
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
Quarter-brick DC/DC Converter
logo
Astrodyne Corporation
ASD150QV ASTRODYNE-ASD150QV Datasheet
310Kb / 4P
150W, Open Frame Quarter Brick DC/DC Converter
logo
Mean Well Enterprises C...
RSDW20UW MEANWELL-RSDW20UW Datasheet
134Kb / 7P
8.5~160Vdc Ultra-wide Input Railway DC-DC Converter
logo
GAPTEC Electronic GmbH ...
150HBRW4 GAPTEC-150HBRW4 Datasheet
3Mb / 7P
150W Half-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
150QBW4 GAPTEC-150QBW4 Datasheet
3Mb / 6P
150W Quarter-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
Mean Well Enterprises C...
RQB40W12 MEANWELL-RQB40W12 Datasheet
153Kb / 8P
40W Quarter Brick 14~160Vdc Ultra-wide Input Railway DC-DC Converter
2022-12-12
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com