전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RQB40W12 데이터시트 (PDF) - Mean Well Enterprises Co., Ltd.

RQB40W12 Datasheet PDF - Mean Well Enterprises Co., Ltd.
부품명 RQB40W12
다운로드  RQB40W12 다운로드
파일 크기   153.29 Kbytes
페이지   8 Pages
제조업체  MEANWELL [Mean Well Enterprises Co., Ltd.]
홈페이지  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
상세설명 40W Quarter Brick 14~160Vdc Ultra-wide Input Railway DC-DC Converter

RQB40W12 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
RQB40W12 Datasheet PDF - Mean Well Enterprises Co., Ltd.

부품명 RQB40W12
다운로드  RQB40W12 Click to download

파일 크기   153.29 Kbytes
페이지   8 Pages
제조업체  MEANWELL [Mean Well Enterprises Co., Ltd.]
홈페이지  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
상세설명 40W Quarter Brick 14~160Vdc Ultra-wide Input Railway DC-DC Converter

RQB40W12 데이터시트 (HTML) - Mean Well Enterprises Co., Ltd.


RQB40W12 제품 세부 정보

Features
• Quarter-brick(2.28" x 1.45" x 0.5") with industrial standard
pin-out
Compliance with railway standard EN50155
• 12:1(14-160Vdc) ultra-wide input range
• Wide operating temperature range -40 ~ +90°C
• No minimum load required
• Full encapsulated
• Protections: Short circuit (Continuous) / Overload /
Over temperature / Over voltage /
Input under voltage
3KVDC or 2KVAC I/O isolation
• Remote ON/OFF control and remote sense
• Triming output(±10%)
• 3 years warranty




유사한 부품 번호 - RQB40W12

제조업체부품명데이터시트상세설명
logo
Bel Fuse Inc.
RQB-100Y BEL-RQB-100Y Datasheet
1Mb / 14P
100 W Isolated DC-DC Converter
06 Mai 2022
RQB-100Y12 BEL-RQB-100Y12 Datasheet
1Mb / 14P
100 W Isolated DC-DC Converter
06 Mai 2022
RQB-100Y12X BEL-RQB-100Y12X Datasheet
1Mb / 14P
100 W Isolated DC-DC Converter
06 Mai 2022
RQB-100Y15 BEL-RQB-100Y15 Datasheet
1Mb / 14P
100 W Isolated DC-DC Converter
06 Mai 2022
RQB-100Y15X BEL-RQB-100Y15X Datasheet
1Mb / 14P
100 W Isolated DC-DC Converter
06 Mai 2022
More results


유사한 설명 - RQB40W12

제조업체부품명데이터시트상세설명
logo
SynQor Worldwide Headqu...
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
Quarter-brick DC/DC Converter
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE100 P-DUKE-QAE100 Datasheet
687Kb / 4P
QUARTER-BRICK DC-DC CONVERTER 2:1 ULTRA WIDE INPUT RANGE UP TO 108Watts
QAE100W P-DUKE-QAE100W Datasheet
752Kb / 4P
QUARTER-BRICK DC-DC CONVERTER 4:1 ULTRA WIDE INPUT RANGE UP TO 90Watts
QAE150 P-DUKE-QAE150 Datasheet
751Kb / 4P
QUARTER-BRICK DC-DC CONVERTER 2:1 ULTRA WIDE INPUT RANGE UP TO 150Watts
QAE150W P-DUKE-QAE150W Datasheet
759Kb / 4P
QUARTER-BRICK DC-DC CONVERTER 4:1 ULTRA WIDE INPUT RANGE UP TO 132Watts
logo
Mean Well Enterprises C...
RSDW20UW MEANWELL-RSDW20UW Datasheet
134Kb / 7P
8.5~160Vdc Ultra-wide Input Railway DC-DC Converter
RQB150W3 MEANWELL-RQB150W3 Datasheet
164Kb / 8P
150W Quarter Brick 60~160Vdc wide Input Railway DC-DC Converter
2023-01-05
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com