전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RSDH-300 데이터시트 (PDF) - Mean Well Enterprises Co., Ltd.

RSDH-300 Datasheet PDF - Mean Well Enterprises Co., Ltd.
부품명 RSDH-300
다운로드  RSDH-300 다운로드
파일 크기   138.55 Kbytes
페이지   4 Pages
제조업체  MEANWELL [Mean Well Enterprises Co., Ltd.]
홈페이지  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
상세설명 300W High Reliable 250~1500Vdc Ultra Wide Input DC-DC Converter

RSDH-300 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
RSDH-300 Datasheet PDF - Mean Well Enterprises Co., Ltd.

부품명 RSDH-300
다운로드  RSDH-300 Click to download

파일 크기   138.55 Kbytes
페이지   4 Pages
제조업체  MEANWELL [Mean Well Enterprises Co., Ltd.]
홈페이지  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
상세설명 300W High Reliable 250~1500Vdc Ultra Wide Input DC-DC Converter

RSDH-300 데이터시트 (HTML) - Mean Well Enterprises Co., Ltd.


RSDH-300 제품 세부 정보

Features
* 250~ 1500Vdc 6:1 ultra-wide input range
* Withstand 1700Vdc surge input for 10 seconds
* 4KVac /O high isolation(Reinforced isolation)
* Protections: Short circuit / Overload / Over voltage / Over temperature
DC input under voltage / DC input reverse polarity
* Fanless design, half encapsulated, cooling by free air convection
* -40~+80°C ultra-wide operating temperature ( > +55°C derating)
* Over voltage category Il
* Operating alttude up to 5000 meters
* DG output voltage adjustable(12~15V, 24~29V, 30~36V, 48~58V)
* 1U low profile 41mm
* 3 years warranty




유사한 부품 번호 - RSDH-300

제조업체부품명데이터시트상세설명
logo
Mean Well Enterprises C...
RSDH-150 MEANWELL-RSDH-150 Datasheet
139Kb / 4P
150W High Reliable 250~1500Vdc Ultra Wide Input DC-DC Converter
2023-01-13
RSDH-150-12 MEANWELL-RSDH-150-12 Datasheet
139Kb / 4P
150W High Reliable 250~1500Vdc Ultra Wide Input DC-DC Converter
2023-01-13
RSDH-150-24 MEANWELL-RSDH-150-24 Datasheet
139Kb / 4P
150W High Reliable 250~1500Vdc Ultra Wide Input DC-DC Converter
2023-01-13
RSDH-150-32 MEANWELL-RSDH-150-32 Datasheet
139Kb / 4P
150W High Reliable 250~1500Vdc Ultra Wide Input DC-DC Converter
2023-01-13
RSDH-150-48 MEANWELL-RSDH-150-48 Datasheet
139Kb / 4P
150W High Reliable 250~1500Vdc Ultra Wide Input DC-DC Converter
2023-01-13
More results


유사한 설명 - RSDH-300

제조업체부품명데이터시트상세설명
logo
CUI INC
VED15 CUI-VED15 Datasheet
285Kb / 3P
wide input DC/DC converter
logo
Wall Industries,Inc.
FA12S12-300 WALL-FA12S12-300 Datasheet
618Kb / 14P
300W DC-DC Converter
logo
MORNSUN Science& Techno...
PV200-29B24 MORNSUN-PV200-29B24 Datasheet
1Mb / 4P
200W Isolation DC-DC Converter with Ultra-wide ,ultra-high 300 - 1500VDC input for Renewable Energy
logo
Murata Manufacturing Co...
IRV300 MURATA1-IRV300 Datasheet
5Mb / 21P
300W 10:1 Ultra Wide Input Chassis-Mount Isolated DC-DC Converter
2021
logo
Mean Well Enterprises C...
DDRH-120 MEANWELL-DDRH-120 Datasheet
128Kb / 5P
120W High Reliable 250~1500Vdc Ultra Wide Input DIN Rail Type DC-DC Converter
2023-01-13
DDRH-240 MEANWELL-DDRH-240 Datasheet
159Kb / 6P
240W High Reliable 250~1500Vdc Ultra Wide Input DIN Rail Type DC-DC Converter
2023-01-13
RSDH-150 MEANWELL-RSDH-150 Datasheet
139Kb / 4P
150W High Reliable 250~1500Vdc Ultra Wide Input DC-DC Converter
2023-01-13
DDRH-15 MEANWELL-DDRH-15 Datasheet
426Kb / 8P
15W High Reliable 150~1500Vdc Ultra Wide Input DC-DC Converter
2023-07-28
DDRH-30 MEANWELL-DDRH-30 Datasheet
426Kb / 8P
30W High Reliable 150~1500Vdc Ultra Wide Input DC-DC Converter
2023-07-28
DDRH-45 MEANWELL-DDRH-45 Datasheet
448Kb / 8P
45W High Reliable 150~1500Vdc Ultra Wide Input DC-DC Converter
2023-07-28
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com