전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DDRH-15 데이터시트 (PDF) - Mean Well Enterprises Co., Ltd.

DDRH-15 Datasheet PDF - Mean Well Enterprises Co., Ltd.
부품명 DDRH-15
다운로드  DDRH-15 다운로드
파일 크기   426.31 Kbytes
페이지   8 Pages
제조업체  MEANWELL [Mean Well Enterprises Co., Ltd.]
홈페이지  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
상세설명 15W High Reliable 150~1500Vdc Ultra Wide Input DC-DC Converter

DDRH-15 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
DDRH-15 Datasheet PDF - Mean Well Enterprises Co., Ltd.

부품명 DDRH-15
다운로드  DDRH-15 Click to download

파일 크기   426.31 Kbytes
페이지   8 Pages
제조업체  MEANWELL [Mean Well Enterprises Co., Ltd.]
홈페이지  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
상세설명 15W High Reliable 150~1500Vdc Ultra Wide Input DC-DC Converter

DDRH-15 데이터시트 (HTML) - Mean Well Enterprises Co., Ltd.


DDRH-15 제품 세부 정보

Features
* 150~1500Vdlc 10:1 ulra-wide input range
* 4KVac VO high isolation(Reinforced isolation)
* Protections: Short ircuit / Overload / Over voltage /
DC input under voltage / DG input reverse Polarity
* Fanless design, fully encapsulated, cooling by free air convection
* Gan be installed on DIN rail TS-35/7.5 or 15 (DR-Type)
* -40-+80C ultra-wide operating temperature (> +50°C derating)
* Operating alttude up to 5000 meters
* 3 years warranty




유사한 부품 번호 - DDRH-15

제조업체부품명데이터시트상세설명
logo
Mean Well Enterprises C...
DDRH-120 MEANWELL-DDRH-120 Datasheet
128Kb / 5P
120W High Reliable 250~1500Vdc Ultra Wide Input DIN Rail Type DC-DC Converter
2023-01-13
DDRH-120-12 MEANWELL-DDRH-120-12 Datasheet
128Kb / 5P
120W High Reliable 250~1500Vdc Ultra Wide Input DIN Rail Type DC-DC Converter
2023-01-13
DDRH-120-24 MEANWELL-DDRH-120-24 Datasheet
128Kb / 5P
120W High Reliable 250~1500Vdc Ultra Wide Input DIN Rail Type DC-DC Converter
2023-01-13
DDRH-120-32 MEANWELL-DDRH-120-32 Datasheet
128Kb / 5P
120W High Reliable 250~1500Vdc Ultra Wide Input DIN Rail Type DC-DC Converter
2023-01-13
DDRH-120-48 MEANWELL-DDRH-120-48 Datasheet
128Kb / 5P
120W High Reliable 250~1500Vdc Ultra Wide Input DIN Rail Type DC-DC Converter
2023-01-13
More results


유사한 설명 - DDRH-15

제조업체부품명데이터시트상세설명
logo
MicroPower Direct, LLC
MR1511S MPD-MR1511S Datasheet
859Kb / 4P
Ultra-Wide Input, 15W Compact, Railway DC/DC Converters
logo
MORNSUN Science& Techno...
VRB2405LD-15WR3 MORNSUN-VRB2405LD-15WR3 Datasheet
3Mb / 8P
15W, wide input, isolated & regulated DC/DC converter
PV200-29B24 MORNSUN-PV200-29B24 Datasheet
1Mb / 4P
200W Isolation DC-DC Converter with Ultra-wide ,ultra-high 300 - 1500VDC input for Renewable Energy
logo
GAPTEC Electronic GmbH ...
15DCPE GAPTEC-15DCPE Datasheet
3Mb / 6P
15W - Single Output DC-DC Converter - Ultra Wide Input Range - High Isolated & Regulated
logo
Mean Well Enterprises C...
DDRH-120 MEANWELL-DDRH-120 Datasheet
128Kb / 5P
120W High Reliable 250~1500Vdc Ultra Wide Input DIN Rail Type DC-DC Converter
2023-01-13
DDRH-240 MEANWELL-DDRH-240 Datasheet
159Kb / 6P
240W High Reliable 250~1500Vdc Ultra Wide Input DIN Rail Type DC-DC Converter
2023-01-13
RSDH-150 MEANWELL-RSDH-150 Datasheet
139Kb / 4P
150W High Reliable 250~1500Vdc Ultra Wide Input DC-DC Converter
2023-01-13
RSDH-300 MEANWELL-RSDH-300 Datasheet
138Kb / 4P
300W High Reliable 250~1500Vdc Ultra Wide Input DC-DC Converter
2023-01-13
DDRH-30 MEANWELL-DDRH-30 Datasheet
426Kb / 8P
30W High Reliable 150~1500Vdc Ultra Wide Input DC-DC Converter
2023-07-28
DDRH-45 MEANWELL-DDRH-45 Datasheet
448Kb / 8P
45W High Reliable 150~1500Vdc Ultra Wide Input DC-DC Converter
2023-07-28
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com