전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCS150US12 데이터시트 (PDF) - XP Power Limited

LCS150US12 Datasheet PDF - XP Power Limited
부품명 LCS150US12
다운로드  LCS150US12 다운로드
파일 크기   1866.57 Kbytes
페이지   6 Pages
제조업체  XPPOWER [XP Power Limited]
홈페이지  http://www.xppower.com
Logo XPPOWER - XP Power Limited
상세설명 AC-DC PO WER SUPPLIES

LCS150US12 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
LCS150US12 Datasheet PDF - XP Power Limited

부품명 LCS150US12
다운로드  LCS150US12 Click to download

파일 크기   1866.57 Kbytes
페이지   6 Pages
제조업체  XPPOWER [XP Power Limited]
홈페이지  http://www.xppower.com
Logo XPPOWER - XP Power Limited
상세설명 AC-DC PO WER SUPPLIES

LCS150US12 데이터시트 (HTML) - XP Power Limited


LCS150US12 제품 세부 정보

The LCS series of regulated output convection cooled AC-DC power supplies are designed
to provide a cost effective solution for industrial electronics, technology and household
applications. Features include output voltage adjustment, a power ‘ON’ LED, low
stand-by power consumption, output short circuit protection, over current and over voltage
protection. Applications include auxiliary power sources, security installations, lighting
control, smart home or office control systems, ticketing and vending applications.

Features
• 150W convection cooled
• ITE, industrial & household approvals
• Integrated connector cover
• Class B conducted & radiated emissions
• Input voltage range 85-264VAC
• 300VAC withstand voltage for 5s
• Output voltages from 12V to 48VDC
• Output voltage trim ±10%
• Efficiency to 89%
• Short circuit, overvoltage & overload protection
• Conformal coating option
• -30°C to +70°C operating temperature
• 3 year warranty




유사한 부품 번호 - LCS150US12

제조업체부품명데이터시트상세설명
logo
Littelfuse
LCS10T12 LITTELFUSE-LCS10T12 Datasheet
189Kb / 1P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
logo
C&K Components
LCS1P00SA20AC CK-COMPONENTS-LCS1P00SA20AC Datasheet
213Kb / 4P
Subminiature Sealed Snap-acting Switches
LCS1SA20AC CK-COMPONENTS-LCS1SA20AC Datasheet
213Kb / 4P
Subminiature Sealed Snap-acting Switches
More results


유사한 설명 - LCS150US12

제조업체부품명데이터시트상세설명
logo
XP Power Limited
HPA1K5 XPPOWER-HPA1K5 Datasheet
2Mb / 9P
AC-DC PO WER SUPPLIES
LCW100 XPPOWER-LCW100 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES
LCW200 XPPOWER-LCW200 Datasheet
1Mb / 7P
AC-DC PO WER SUPPLIES
LCW320 XPPOWER-LCW320 Datasheet
1Mb / 6P
AC-DC PO WER SUPPLIES
LCW35 XPPOWER-LCW35 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES
LCW50 XPPOWER-LCW50 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES
LCW75 XPPOWER-LCW75 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES
AMF24 XPPOWER-AMF24 Datasheet
2Mb / 6P
AC-DC PO WER SUPPLIES
09 March 2022
AMF36 XPPOWER-AMF36 Datasheet
2Mb / 6P
AC-DC PO WER SUPPLIES
15 March 2022
ASB160 XPPOWER-ASB160 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES AC-DC PO WER SUPPLIES
18 January 2023
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com