전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PMEG3005ELS-Q 데이터시트 (PDF) - Nexperia B.V. All rights reserved

PMEG3005ELS-Q Datasheet PDF - Nexperia B.V. All rights reserved
부품명 PMEG3005ELS-Q
다운로드  PMEG3005ELS-Q 다운로드
파일 크기   202.23 Kbytes
페이지   9 Pages
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
상세설명 30 V, 0.5 A very low VF Schottky barrier rectifier

PMEG3005ELS-Q Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
PMEG3005ELS-Q Datasheet PDF - Nexperia B.V. All rights reserved

부품명 PMEG3005ELS-Q
다운로드  PMEG3005ELS-Q Click to download

파일 크기   202.23 Kbytes
페이지   9 Pages
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
상세설명 30 V, 0.5 A very low VF Schottky barrier rectifier

PMEG3005ELS-Q 데이터시트 (HTML) - Nexperia B.V. All rights reserved


PMEG3005ELS-Q 제품 세부 정보

1. General description
Planar Schottky barrier rectifier with an integrated guard ring for stress protection, encapsulated in
an ultra small SOD882BD (DFN1006BD-2) Surface-Mounted Device (SMD) plastic package.

2. Features and benefits
• Forward current: IF ≤ 0.5 A
• Reverse voltage: VR ≤ 30 V
• Ultra small SMD plastic package
• Very low forward voltage
• Suitable for Automatic Optical Inspection (AOI) of solder joint
• Qualified according to AEC-Q101 and recommended for use in automotive applications

3. Applications
• Low voltage rectification
• High efficiency DC-to-DC conversion
• Switch mode power supply
• Reverse polarity protection
• Low power consumption applications




유사한 부품 번호 - PMEG3005ELS-Q

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
PMEG3005ELS NEXPERIA-PMEG3005ELS Datasheet
202Kb / 9P
30 V, 0.5 A very low VF Schottky barrier rectifier
21 April 2022
PMEG3005ELSYL NEXPERIA-PMEG3005ELSYL Datasheet
202Kb / 9P
30 V, 0.5 A very low VF Schottky barrier rectifier
21 April 2022
More results


유사한 설명 - PMEG3005ELS-Q

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
PMEG3005EGW-Q NEXPERIA-PMEG3005EGW-Q Datasheet
220Kb / 10P
30 V, 0.5 A low VF Schottky barrier rectifier
13 October 2022
PMEG4005AEA NEXPERIA-PMEG4005AEA Datasheet
192Kb / 8P
40 V, 0.5 A very low VF Schottky barrier rectifier
13 February 2023
PMEG3005ET-Q NEXPERIA-PMEG3005ET-Q Datasheet
196Kb / 9P
30 V, 0.5 A very low VF MEGA Schottky barrier rectifier
14 February 2022
PMEG3005EH-Q NEXPERIA-PMEG3005EH-Q Datasheet
185Kb / 10P
30 V, 0.5 A very low VF MEGA Schottky barrier rectifier
25 August 2021
PMEG3005EJ-Q NEXPERIA-PMEG3005EJ-Q Datasheet
186Kb / 10P
30 V, 0.5 A very low VF MEGA Schottky barrier rectifier
6 August 2021
PMEG2005AEA NEXPERIA-PMEG2005AEA Datasheet
214Kb / 8P
20 V, 0.5 A very low VF Schottky barrier rectifier
1 January 2023
PMEG2005AEV NEXPERIA-PMEG2005AEV Datasheet
183Kb / 8P
20 V, 0.5 A very low VF Schottky barrier rectifier
28 December 2022
PMEG3005EH NEXPERIA-PMEG3005EH Datasheet
211Kb / 8P
30 V, 0.5 A very low VF MEGA Schottky barrier rectifier
1 October 2022
PMEG3005EJ NEXPERIA-PMEG3005EJ Datasheet
211Kb / 8P
30 V, 0.5 A very low VF MEGA Schottky barrier rectifier
1 October 2022
PMEG3005ELS NEXPERIA-PMEG3005ELS Datasheet
202Kb / 9P
30 V, 0.5 A very low VF Schottky barrier rectifier
21 April 2022
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com