전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PMEG3005ELS 데이터시트 (PDF) - Nexperia B.V. All rights reserved

PMEG3005ELS Datasheet PDF - Nexperia B.V. All rights reserved
부품명 PMEG3005ELS
다운로드  PMEG3005ELS 다운로드
파일 크기   202.07 Kbytes
페이지   9 Pages
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
상세설명 30 V, 0.5 A very low VF Schottky barrier rectifier

PMEG3005ELS Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
PMEG3005ELS Datasheet PDF - Nexperia B.V. All rights reserved

부품명 PMEG3005ELS
다운로드  PMEG3005ELS Click to download

파일 크기   202.07 Kbytes
페이지   9 Pages
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
상세설명 30 V, 0.5 A very low VF Schottky barrier rectifier

PMEG3005ELS 데이터시트 (HTML) - Nexperia B.V. All rights reserved


PMEG3005ELS 제품 세부 정보

1. General description
Planar Schottky barrier rectifier with an integrated guard ring for stress protection, encapsulated in
an ultra small SOD882BD (DFN1006BD-2) Surface-Mounted Device (SMD) plastic package.

2. Features and benefits
• Forward current: IF ≤ 0.5 A
• Reverse voltage: VR ≤ 30 V
• Ultra small SMD plastic package
• Very low forward voltage
• Suitable for Automatic Optical Inspection (AOI) of solder joint

3. Applications
• Low voltage rectification
• High efficiency DC-to-DC conversion
• Switch mode power supply
• Reverse polarity protection
• Low power consumption applications




유사한 부품 번호 - PMEG3005ELS

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
PMEG3005ELS-Q NEXPERIA-PMEG3005ELS-Q Datasheet
202Kb / 9P
30 V, 0.5 A very low VF Schottky barrier rectifier
21 April 2022
More results


유사한 설명 - PMEG3005ELS

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
PMEG3005EGW-Q NEXPERIA-PMEG3005EGW-Q Datasheet
220Kb / 10P
30 V, 0.5 A low VF Schottky barrier rectifier
13 October 2022
PMEG4005AEA NEXPERIA-PMEG4005AEA Datasheet
192Kb / 8P
40 V, 0.5 A very low VF Schottky barrier rectifier
13 February 2023
PMEG3005ELS-Q NEXPERIA-PMEG3005ELS-Q Datasheet
202Kb / 9P
30 V, 0.5 A very low VF Schottky barrier rectifier
21 April 2022
PMEG3005ET-Q NEXPERIA-PMEG3005ET-Q Datasheet
196Kb / 9P
30 V, 0.5 A very low VF MEGA Schottky barrier rectifier
14 February 2022
PMEG3005EH-Q NEXPERIA-PMEG3005EH-Q Datasheet
185Kb / 10P
30 V, 0.5 A very low VF MEGA Schottky barrier rectifier
25 August 2021
PMEG3005EJ-Q NEXPERIA-PMEG3005EJ-Q Datasheet
186Kb / 10P
30 V, 0.5 A very low VF MEGA Schottky barrier rectifier
6 August 2021
PMEG2005AEA NEXPERIA-PMEG2005AEA Datasheet
214Kb / 8P
20 V, 0.5 A very low VF Schottky barrier rectifier
1 January 2023
PMEG2005AEV NEXPERIA-PMEG2005AEV Datasheet
183Kb / 8P
20 V, 0.5 A very low VF Schottky barrier rectifier
28 December 2022
PMEG3005EH NEXPERIA-PMEG3005EH Datasheet
211Kb / 8P
30 V, 0.5 A very low VF MEGA Schottky barrier rectifier
1 October 2022
PMEG3005EJ NEXPERIA-PMEG3005EJ Datasheet
211Kb / 8P
30 V, 0.5 A very low VF MEGA Schottky barrier rectifier
1 October 2022
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com