|
FEATURES GENERAL DESCRIPTION
Supports Embedded DisplayPort (eDP) Specification
version 1.2.
Support 4 Main Link Lanes at either 1.62Gb/s or
2.7Gb/s link rate
Supports input color depth 6/8/10-bit per pixel in RGB
format
Support VESA and CEA timing standards up to
QSXGA 2560x2048 @ 60Hz or 4Kx2K@24/30Hz for
2D, and Full HD 1920x1080 @120Hz for 3D(L/R eye
frame at 60Hz each), with 10 bit graphic color depth
Support eDP Authentication: Alternative Scramble Seed
Reset (ASSR) and Alternative Framing
Support Single Port, Dual Port and Quad port LVDS
output interface with 6/8/10-bit color depth up to
400MHz pixel rate
Support both OpenLDI (or JEIDA), SPWG (or VESA)
and non-JEITA (10-bit only) bit mapping for LVDS
application
Flexible LVDS output pins swapping
2 channel IIS/ S/PDIF audio output
Support Dynamic Backlight luminance Control by the
command through AUX channel, or through the
interface of PWM in/out and Backlight Brightness
Control (OSD display)
Support PWM bypass through and on-chip PWM
generation
Black panel during invalid input
Support Panel selection function with external hardware
configuration
Initiated and controlled by firmware which is loaded
from External BOOT ROM automatically upon power
up.
BOOT ROM data updated through I2C bus or AUX
Channel
Support dynamic refresh rate (DDR) switching
Supports Enhanced Framing Mode
3 work modes: connect 27MHz crystal, inject 27MHz
or 14.318MHz clock
Programmable LCD panel power sequence
Hot Plug Detection
Support chip power down by GPIO pin
Support power management mechanism through AUX
Channel
EMI reduction capability for DP input and LVDS
output. Spread spectrum control is available for
transmitting LVDS signal
Achieve bit error rate <10-9
for raw transport data per
lane and symbol error rate <10-12 for control data
Low power consumption
Offered in a 128-pin TQFP package (14 x 14mm)
Chrontel’s CH7515 is a low-cost, low-power
semiconductor device that translates the Embedded
DisplayPort signal to the LVDS. This innovative eDP
receiver with integrated 4 channel LVDS transmitters is
specially designed to target the All-In-One PC and the
terminal display devices with large size panel market
segments. Leveraging the DisplayPort’s unique
source/sink “Link Training” routine, the CH7515 is
capable of instantly bring up the video display to the LCD
when the initialization process is completed between
CH7515 and the graphic chip.
The CH7515 is designed to meet the Embedded
DisplayPort Specification version 1.2. The 4 eDP Main
Link Lanes receiver supports input with data rate running
at either 1.62Gb/s or 2.7Gb/s, and can accept digital RGB
signal for LVDS output up to QSXGA 2560x2048@60Hz
or 4Kx2K@24/30Hz. With advanced 3D processing
module integrated, The CH7515 can support up to
1920x1080@120Hz 3D display mode, with
programmable emitter control signal and 3D LCD panel’s
backlight control signal output.
The Backlight Enable control and the PWM are the two
kinds of backlight control functions designed in the
CH7515 Panel power control module. The brightness
control commands sent through AUX Channel can be
dynamically translated by CH7515 and converted into
LCD backlight control signal. Alternatively, the
brightness control commands can be input from the PWM
in and GOIO pin of Backlight Brightness Control. The
CH7515 will save the last setting of brightness level into
the external BOOT ROM and restore it upon power up.
The CH7515 can dynamically adjust backlight brightness
according to video stream to save power consumption and
it supports OSD display in this way.
The CH7515 will immediately convert the Embedded
DisplayPort signal to LVDS output after DisplayPort
Link Training is completed. This feature can be achieved
by loading the panel’s EDID and the CH7515’s
configuration settings in the serial external BOOT ROM
connected to the CH7515. During system power-up and
upon completion of the DisplayPort Link Training
through AUX Channel, CH7515 will generate LVDS
signal according to the panel power-up timing sequencing
stored in the external BOOT ROM.
An advanced Power Management Unit (PMU) is
incorporated in CH7515, which is specially designed to
reduce power consumption in normal operation.
|