전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TGA8399C 데이터시트 (PDF) - TriQuint Semiconductor

TGA8399C Datasheet PDF - TriQuint Semiconductor
부품명 TGA8399C
다운로드  TGA8399C 다운로드
파일 크기   262.2 Kbytes
페이지   4 Pages
제조업체  TRIQUINT [TriQuint Semiconductor]
홈페이지  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
상세설명 Wideband Driver Amplifier

TGA8399C Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
TGA8399C Datasheet PDF - TriQuint Semiconductor

부품명 TGA8399C
다운로드  TGA8399C Click to download

파일 크기   262.2 Kbytes
페이지   4 Pages
제조업체  TRIQUINT [TriQuint Semiconductor]
홈페이지  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
상세설명 Wideband Driver Amplifier

TGA8399C 데이터시트 (HTML) - TriQuint Semiconductor


TGA8399C 제품 세부 정보

Key Features and Performance
 • Two Stage Driver Amplifier
 • 0.25µm pHEMT 2MI Technology
 • 8-18 GHz Frequency Range
 • 13 dBm Nominal Pout
 • 17 dB Nominal Gain
 • Balanced In/Out for Low VSWR
 • 4.5V @ 50mA Self Bias
 • Chip Dimensions: 3.5mm x 2.4mm x 0.1 mm

Primary Applications
 • X and Ku band Driver
 • Point-to-Point Radio




유사한 부품 번호 - TGA8399C

제조업체부품명데이터시트상세설명
logo
TriQuint Semiconductor
TGA8399C TRIQUINT-TGA8399C Datasheet
337Kb / 7P
8 - 18 GHz Wideband Driver Amplifier
TGA8399C TRIQUINT-TGA8399C_15 Datasheet
337Kb / 7P
8 - 18 GHz Wideband Driver Amplifier
More results


유사한 설명 - TGA8399C

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KH560 FAIRCHILD-KH560 Datasheet
182Kb / 13P
Wideband, Low Distortion Driver Amplifier
KH561 FAIRCHILD-KH561 Datasheet
182Kb / 13P
Wideband, Low Distortion Driver Amplifier
logo
Cadeka Microcircuits LL...
KH560 CADEKA-KH560 Datasheet
354Kb / 13P
Wideband, Low Distortion Driver Amplifier
KH561 CADEKA-KH561 Datasheet
341Kb / 13P
Wideband, Low Distortion Driver Amplifier
KH563 CADEKA-KH563 Datasheet
265Kb / 13P
Wideband, Low Distortion Driver Amplifier
logo
TriQuint Semiconductor
TGA8399C TRIQUINT-TGA8399C_15 Datasheet
337Kb / 7P
8 - 18 GHz Wideband Driver Amplifier
logo
Analog Devices
HMC562 AD-HMC562 Datasheet
399Kb / 8P
GaAs PHEMT MMIC WIDEBAND DRIVER AMPLIFIER
logo
NXP Semiconductors
BTS6201U NXP-BTS6201U Datasheet
846Kb / 15P
Wideband high linearity pre-driver amplifier
Rev. 4-3 February 2021
BTS6302U NXP-BTS6302U Datasheet
841Kb / 19P
Wideband high linearity pre-driver amplifier
Rev. 10 ??19 October 2021
BTS6302U NXP-BTS6302U_V01 Datasheet
849Kb / 19P
Wideband high linearity pre-driver amplifier
Rev. 11 - 5 September 2022
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com