전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TGA8399C 데이터시트(PDF) 2 Page - TriQuint Semiconductor

부품명 TGA8399C
상세설명  Wideband Driver Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRIQUINT [TriQuint Semiconductor]
홈페이지  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA8399C 데이터시트(HTML) 2 Page - TriQuint Semiconductor

  TGA8399C Datasheet HTML 1Page - TriQuint Semiconductor TGA8399C Datasheet HTML 2Page - TriQuint Semiconductor TGA8399C Datasheet HTML 3Page - TriQuint Semiconductor TGA8399C Datasheet HTML 4Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TriQuint Semiconductor Texas : Phone (972)994 8465
Fax (972)994 8504 Web: www.triquint.com
Advance Product Information
10
11
12
13
14
15
16
17
18
19
20
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
Frequency (GHz)
+125C
+75C
+25C
+0C
-25C
-55C
8
9
10
11
12
13
14
15
16
17
18
8
9
10
11
12
13
14
15
16
17
18
Frequency (GHz)
+125C, 53.2mA
+75C, 53.5mA
+25C, 54.0mA
+0C, 53.9mA
-25C, 53.8mA
-55C, 53.2mA
TGA8399C Performance vs Temperature



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com