전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NTE1928 데이터시트 (PDF) - NTE Electronics

NTE1928 Datasheet PDF - NTE Electronics
부품명 NTE1928
다운로드  NTE1928 다운로드
파일 크기   25.07 Kbytes
페이지   3 Pages
제조업체  NTE [NTE Electronics]
홈페이지  http://www.nteinc.com
Logo NTE - NTE Electronics
상세설명 Integrated Circuit Positive Adjustable Voltage Regulator, 4.5V to 40V, 45mA

NTE1928 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
NTE1928 Datasheet PDF - NTE Electronics

부품명 NTE1928
다운로드  NTE1928 Click to download

파일 크기   25.07 Kbytes
페이지   3 Pages
제조업체  NTE [NTE Electronics]
홈페이지  http://www.nteinc.com
Logo NTE - NTE Electronics
상세설명 Integrated Circuit Positive Adjustable Voltage Regulator, 4.5V to 40V, 45mA

NTE1928 데이터시트 (HTML) - NTE Electronics


NTE1928 제품 세부 정보

Description

The NTE1928 is an adjustable positive voltage regulator that features fast response to both load and line transients, freedom from oscillations with varying resistive and reactive loads, and the ability to start reliabity on any load within rating. This device also contains a biasing circuitry that removes any minimum load current requirement and at the same time reduces standby current drain, permitting higher voltage operation.



Features:

• Output Voltage Adjustable from 4.5V to 40V

• Output Currents in Excess of 10A Possible by Adding External Transistors

• Load Regulation Better than 0.1%, Full Load with Current Limiting

• DC Line Regulation Guaranteed at 0.03%/V

• Ripple Rejection on 0.01%V



 




유사한 부품 번호 - NTE1928

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE192 NTE-NTE192 Datasheet
22Kb / 2P
Silicon Complementary Transistors Audio Power Output
NTE1920 NTE-NTE1920 Datasheet
25Kb / 2P
3 Terminal Positive Voltage Regulator 18V, 1.5A
NTE1923 NTE-NTE1923 Datasheet
25Kb / 2P
3 Terminal Negative Voltage Regulator -18V, 1.5A
NTE1924 NTE-NTE1924 Datasheet
24Kb / 2P
Integrated Circuit Positive 3 Terminal Voltage Regulator, 24V, 1.5A
NTE1925 NTE-NTE1925 Datasheet
25Kb / 2P
3 Terminal Negative Voltage Regulator -18V, 1.5A
More results


유사한 설명 - NTE1928

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE1900 NTE-NTE1900 Datasheet
24Kb / 2P
Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator
NTE1930 NTE-NTE1930 Datasheet
21Kb / 3P
Integrated Circuit Positive Adjustable Voltage Regulator, 5V to 37V, 25mA
NTE1942 NTE-NTE1942 Datasheet
28Kb / 3P
Integrated Circuit Positive Adjustable Voltage Regulator, 2.85V to 36V, 2A
NTE935 NTE-NTE935 Datasheet
24Kb / 2P
Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator 1.2V to 32V, 5A
NTE953 NTE-NTE953 Datasheet
28Kb / 4P
Linear Integrated Circuit 4-Terminal Positive Adjustable Voltage Regulator
NTE956 NTE-NTE956 Datasheet
22Kb / 2P
Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator
NTE970 NTE-NTE970 Datasheet
25Kb / 2P
Linear Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator 1.2V to 33V, 3A
logo
Seme LAB
IP117G SEME-LAB-IP117G Datasheet
805Kb / 5P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117R SEME-LAB-IP117R Datasheet
166Kb / 5P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117SMD05 SEME-LAB-IP117SMD05_10 Datasheet
412Kb / 5P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com