전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NTE1942 데이터시트 (PDF) - NTE Electronics

NTE1942 Datasheet PDF - NTE Electronics
부품명 NTE1942
다운로드  NTE1942 다운로드
파일 크기   28.34 Kbytes
페이지   3 Pages
제조업체  NTE [NTE Electronics]
홈페이지  http://www.nteinc.com
Logo NTE - NTE Electronics
상세설명 Integrated Circuit Positive Adjustable Voltage Regulator, 2.85V to 36V, 2A

NTE1942 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
NTE1942 Datasheet PDF - NTE Electronics

부품명 NTE1942
다운로드  NTE1942 Click to download

파일 크기   28.34 Kbytes
페이지   3 Pages
제조업체  NTE [NTE Electronics]
홈페이지  http://www.nteinc.com
Logo NTE - NTE Electronics
상세설명 Integrated Circuit Positive Adjustable Voltage Regulator, 2.85V to 36V, 2A

NTE1942 데이터시트 (HTML) - NTE Electronics


NTE1942 제품 세부 정보

Description:

The NTE1942 is an integrated circuit for voltage and current programmable regulation. Current limit ing, power limiting, thermal shutdown, and input overvoltage protection (up to 60V) make the NTE1942 virtually blowout proof. The NTE1942 can be used to replace fixed voltage regulators when high output voltage precision is required.



Features:

Adjustable Output Current Up to 2A (Guaranteed Up to TJ = +150°C)

Adjustable Output Voltage Down to 2.85V

Input Overvoltage Protection (Up to 60V, 10ms)

Short Circuit Protection

Output Transistor S.O.A. Protection

Thermal Overload Protection

Low Bias Current On Regulation Terminal

Low Standby Current Drain




유사한 부품 번호 - NTE1942

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE194 NTE-NTE194 Datasheet
22Kb / 2P
Silicon NPN Transistor Audio Power Amplifier
NTE1940 NTE-NTE1940 Datasheet
22Kb / 2P
Integrated Circuit Positive Voltage Regulator, 24V, 2A
More results


유사한 설명 - NTE1942

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE1900 NTE-NTE1900 Datasheet
24Kb / 2P
Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator
NTE1928 NTE-NTE1928 Datasheet
25Kb / 3P
Integrated Circuit Positive Adjustable Voltage Regulator, 4.5V to 40V, 45mA
NTE1930 NTE-NTE1930 Datasheet
21Kb / 3P
Integrated Circuit Positive Adjustable Voltage Regulator, 5V to 37V, 25mA
NTE1934 NTE-NTE1934 Datasheet
22Kb / 2P
Integrated Circuit Positive Voltage Regulator, 5V, 2A
NTE1934X NTE-NTE1934X Datasheet
21Kb / 2P
Integrated Circuit Positive Voltage Regulator, 5V, 2A
NTE1936 NTE-NTE1936 Datasheet
22Kb / 2P
Integrated Circuit Positive Voltage Regulator, 12V, 2A
NTE1938 NTE-NTE1938 Datasheet
22Kb / 2P
Integrated Circuit Positive Voltage Regulator, 15V, 2A
NTE1940 NTE-NTE1940 Datasheet
22Kb / 2P
Integrated Circuit Positive Voltage Regulator, 24V, 2A
NTE953 NTE-NTE953 Datasheet
28Kb / 4P
Linear Integrated Circuit 4-Terminal Positive Adjustable Voltage Regulator
NTE956 NTE-NTE956 Datasheet
22Kb / 2P
Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com