전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NTE2305 데이터시트 (PDF) - NTE Electronics

NTE2305 Datasheet PDF - NTE Electronics
부품명 NTE2305
다운로드  NTE2305 다운로드
파일 크기   23.7 Kbytes
페이지   2 Pages
제조업체  NTE [NTE Electronics]
홈페이지  http://www.nteinc.com
Logo NTE - NTE Electronics
상세설명 Silicon Complementary Transistors High Voltage Power Amplifier

NTE2305 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
NTE2305 Datasheet PDF - NTE Electronics

부품명 NTE2305
다운로드  NTE2305 Click to download

파일 크기   23.7 Kbytes
페이지   2 Pages
제조업체  NTE [NTE Electronics]
홈페이지  http://www.nteinc.com
Logo NTE - NTE Electronics
상세설명 Silicon Complementary Transistors High Voltage Power Amplifier

NTE2305 데이터시트 (HTML) - NTE Electronics


NTE2305 제품 세부 정보

Description:

The NTE2305 (NPN) and NTE2306 (PNP) are silicon complementary transistors in a TO218 type package designed for use in high power audio amplifier applications and high voltage switching regulator circuits.



Features:

• High Collector–Emitter Sustaining Voltage: VCEO(sus) = 160V

• High DC Current Gain: hFE = 35 Typ @ IC = 8A

• Low Collector–Emitter Saturation Voltage: VCE(sat) = 2V Max @ IC = 8A



 




유사한 부품 번호 - NTE2305

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE230 NTE-NTE230 Datasheet
22Kb / 2P
Silicon Controlled Rectifier (SCR) TV Deflection Circuit
NTE2300 NTE-NTE2300 Datasheet
21Kb / 2P
Silicon NPN Transistor High Voltage, Horizontal Output
NTE2301 NTE-NTE2301 Datasheet
22Kb / 2P
Silicon NPN Transistor High Voltage Horizontal Output
NTE2302 NTE-NTE2302 Datasheet
21Kb / 2P
Silicon NPN Transistor Color TV Horizontal Deflection Output w/Damper Diode
NTE2303 NTE-NTE2303 Datasheet
22Kb / 2P
Silicon NPN Transistor Horizontal Deflection
More results


유사한 설명 - NTE2305

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE188 NTE-NTE188 Datasheet
22Kb / 2P
Silicon Complementary Transistors High Voltage Amplifier & Driver
NTE191 NTE-NTE191 Datasheet
23Kb / 2P
Silicon Complementary Transistors High Voltage Video Amplifier
NTE243 NTE-NTE243 Datasheet
26Kb / 2P
Silicon Complementary Transistors Darlington Power Amplifier
NTE251 NTE-NTE251 Datasheet
26Kb / 3P
Silicon Complementary Transistors Darlington Power Amplifier
NTE253 NTE-NTE253 Datasheet
24Kb / 2P
Silicon Complementary Transistors Darlington Power Amplifier
NTE261 NTE-NTE261 Datasheet
24Kb / 2P
Silicon Complementary Transistors Darlington Power Amplifier
NTE263 NTE-NTE263 Datasheet
24Kb / 2P
Silicon Complementary Transistors Darlington Power Amplifier
NTE287 NTE-NTE287 Datasheet
22Kb / 2P
Silicon Complementary Transistors High Voltage, General Purpose Amplifier
NTE300 NTE-NTE300 Datasheet
19Kb / 2P
Silicon Complementary Transistors Audio Power Amplifier
logo
Central Semiconductor C...
2N6515 CENTRAL-2N6515 Datasheet
304Kb / 3P
COMPLEMENTARY SILICON HIGH VOLTAGE TRANSISTORS
R2 18-January 2016
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com