전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

0797580007 데이터시트 (PDF) - Molex Electronics Ltd.

부품명 0797580007
상세설명  KK Hot Tin (Sn) 22 AWG,UL1061,150MM
파일 크기   157.17 Kbytes
Html View  1   2 
제조업체  MOLEX9 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0797580007 데이터시트 (PDF) - Molex Electronics Ltd.



유사한 부품 번호 - 0797580007

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
0797580007 MOLEX1-0797580007 Datasheet
44Kb / 1P
Pre-Crimped Lead KK 254 Female-to-KK 254 Female, 150mm, 22 AWG
0797580007 MOLEX1-0797580007_18 Datasheet
44Kb / 1P
Pre-Crimped Lead KK 254 Female-to-KK 254 Female, 150mm, 22 AWG
More results


유사한 설명 - 0797580007

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
0797580008 MOLEX9-0797580008 Datasheet
156Kb / 2P
Pico-SPOX Female (Sn) 24 AWG,UL1061,150MM
0797580003 MOLEX9-0797580003 Datasheet
157Kb / 2P
SL Female (Sn) 22 AWG,UL1061,150MM
0797580002 MOLEX9-0797580002 Datasheet
157Kb / 2P
Micro-Fit Female (Sn) 20 AWG,UL1061,150MM
0797580005 MOLEX9-0797580005 Datasheet
157Kb / 2P
Mini-Fit Male Tin (Sn) 18 AWG,UL1061,150MM
0797580015 MOLEX9-0797580015 Datasheet
157Kb / 2P
KK Hot Tin (Sn) 22 AWG,UL1061,300MM
0008500031 MOLEX1-0008500031_17 Datasheet
48Kb / 1P
KK 254 Cat Ear Crimp Terminal 4809, 22-30 AWG, Hot Tin Dip, Reel
0008500032 MOLEX1-0008500032_17 Datasheet
48Kb / 1P
KK 254 Cat Ear Crimp Terminal 4809, 22-30 AWG, Hot Tin Dip, Bag
0008500113 MOLEX1-0008500113_17 Datasheet
52Kb / 1P
KK 254 Crimp Terminal, 22-30 AWG, Hot Tin (Sn) Dip Plating
0008500114 MOLEX1-0008500114_17 Datasheet
51Kb / 1P
KK 254 Crimp Terminal, 22-30 AWG, Bag, Hot Tin (Sn) Dip Plating
0008500135 MOLEX1-0008500135_17 Datasheet
48Kb / 1P
KK 254 Crimp Terminal 4809, 22-30 AWG, Hot Tin Dip, Reel
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com