전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TGA2620-SM 데이터시트 (PDF) - TriQuint Semiconductor

부품명 TGA2620-SM
상세설명  16 to 18GHz Driver Amplifier
파일 크기   618.13 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
제조업체  TRIQUINT [TriQuint Semiconductor]
홈페이지  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2620-SM 데이터시트 (PDF) - TriQuint Semiconductor



유사한 부품 번호 - TGA2620-SM_15

제조업체부품명데이터시트상세설명
logo
TriQuint Semiconductor
TGA2620 TRIQUINT-TGA2620 Datasheet
522Kb / 13P
16 to 18GHz Driver Amplifier
TGA2620 TRIQUINT-TGA2620_15 Datasheet
522Kb / 13P
16 to 18GHz Driver Amplifier
More results


유사한 설명 - TGA2620-SM_15

제조업체부품명데이터시트상세설명
logo
United Monolithic Semic...
CHA3511 UMS-CHA3511 Datasheet
361Kb / 10P
6-18GHz Amplifier
logo
Transcom, Inc.
TA060-180-28-20 TRANSCOM-TA060-180-28-20 Datasheet
18Kb / 1P
6 - 18GHz 20 dBm Amplifier
logo
American Accurate Compo...
CA0510N1610 AAC-CA0510N1610 Datasheet
150Kb / 3P
Broadband Small Signal Amplifier 0.5 to 18GHz
JXWBKG-1-213-111 AAC-JXWBKG-1-213-111 Datasheet
108Kb / 2P
Reflective Switches 0.02 to 18GHz
logo
United Monolithic Semic...
CHA6517 UMS-CHA6517_09 Datasheet
362Kb / 10P
6-18GHz High Power Amplifier
logo
TriQuint Semiconductor
TGA2620 TRIQUINT-TGA2620_15 Datasheet
522Kb / 13P
16 to 18GHz Driver Amplifier
logo
United Monolithic Semic...
CHA3218-99F UMS-CHA3218-99F_15 Datasheet
421Kb / 10P
2-18GHz Low Noise Amplifier
logo
TriQuint Semiconductor
TGA2963 TRIQUINT-TGA2963 Datasheet
682Kb / 15P
6 ??18GHz 20W GaN Power Amplifier
logo
Transcom, Inc.
TM060-180-05-29 TRANSCOM-TM060-180-05-29 Datasheet
166Kb / 2P
6-18GHz 1W Balanced Amplifier Module
logo
Qorvo, Inc
CMD291 QORVO-CMD291 Datasheet
227Kb / 12P
16-24 GHz Driver Amplifier
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com