전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TGA2620-SM 데이터시트(PDF) 3 Page - TriQuint Semiconductor

부품명 TGA2620-SM
상세설명  16 to 18GHz Driver Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRIQUINT [TriQuint Semiconductor]
홈페이지  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2620-SM 데이터시트(HTML) 3 Page - TriQuint Semiconductor

  TGA2620-SM_15 Datasheet HTML 1Page - TriQuint Semiconductor TGA2620-SM_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA2620-SM_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA2620-SM_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA2620-SM_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA2620-SM_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA2620-SM_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA2620-SM_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA2620-SM_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TGA2620-SM
16
– 18GHz Driver Amplifier
Preliminary Datasheet: Rev - 07-25-14
- 3 of 14 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Thermal and Reliability Information
Parameter
Test Conditions
Value
Units
Thermal Resistance (
θ
JC)
(1)
Tbase = 85°C
VD = 6V, IDQ = 30mA, ID_Drive = 53mA, CW
PIN = 5dBm, POUT = 18.3dBm, PDISS = 250mW
226
ºC/W
Channel Temperature (TCH) (Under RF drive)
142
°C
Median Lifetime (TM)
2.6 x 10^6
Hrs
Notes:
1. Thermal resistance measured at back of the package.
Median Lifetime
Test Conditions: VD = 6.5V; Failure Criteria = 10% reduction in ID_MAX
1E+03
1E+04
1E+05
1E+06
1E+07
1E+08
1E+09
1E+10
1E+11
1E+12
1E+13
1E+14
1E+15
25
50
75
100
125
150
175
200
Channel Temperature, T
CH (°C)
Median Lifetime vs. Channel Temperature
FET5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com