전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

C12597 데이터시트(PDF) 1 Page - Ledil, Inc.

부품명 C12597
상세설명  Lenina Reflector
PDF  285 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEDIL [Ledil, Inc.]
홈페이지  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C12597 데이터시트(HTML) 1 Page - Ledil, Inc.

  C12597 Datasheet HTML 1Page - Ledil, Inc. C12597 Datasheet HTML 2Page - Ledil, Inc. C12597 Datasheet HTML 3Page - Ledil, Inc. C12597 Datasheet HTML 4Page - Ledil, Inc. C12597 Datasheet HTML 5Page - Ledil, Inc. C12597 Datasheet HTML 6Page - Ledil, Inc. C12597 Datasheet HTML 7Page - Ledil, Inc. C12597 Datasheet HTML 8Page - Ledil, Inc. C12597 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 285 page
background image
PRODUCT DATASHEET
Lenina series
last update 1/6/2017
DETAILS
Product Number
C12597_LENINA-S
Family
Lenina
Type
Reflector
Color
metal
Diameter
74 mm
Height
40 mm
Style
round
Optic Material
PC
Holder Material
Fastening
Status
production ready
ROHS Compliant
Yes
Date Updated
1/06/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
-
NULL deg
Spot
-
-
-
V13 Gen7
sim: 18
Spot
sim: 90 % sim: 4.080 IDEAL: 50-2103CT + 50-2100AN
BXRA ES Rectangle
15 deg
Spot
88 %
sim: 6.300 LEDiL: LEDiL
BXRA ES Rectangle
20 deg
Spot
80 %
sim: 4.500 LEDiL: LEDiL
BXRA RS
28 deg
Spot
89 %
2.292
-
BXRA RS
32 deg
Spot
81 %
2.000
-
V10 Gen6
13 deg
Spot
83 %
7.200
-
VERO29
40 deg
Spot
89 %
1.560
-
V22 Gen7
sim: 27
Spot
sim: 90 % sim: 2.682 Bender Wirth: 431 Typ L3
VERO29
40 deg
Spot
85 %
1.500
-
V22 Gen7
sim: 26
Spot
sim: 87 % sim: 2.528 Bender Wirth: 431 Typ L3
VERO13
15 deg
Spot
91 %
6.780
-
VERO18
21 deg
Spot
90 %
3.700
-
V10 Gen7
sim: 11
Spot
sim: 91 % sim: 10.560 Bender Wirth: 434 Typ L1
V13 Gen7
sim: 16
Spot
sim: 91 % sim: 6.070 Bender Wirth: 477 Typ L1
VERO13
16 deg
Spot
86 %
5.050
-
VERO18
22 deg
Spot
86 %
3.060
-
V10 Gen7
sim: 16
Spot
sim: 85 % sim: 5.510 Bender Wirth: 434 Typ L1
V13 Gen7
sim: 18
Spot
sim: 86 % sim: 4.480 Bender Wirth: 477 Typ L1
V13 Gen7
sim: 22
Spot
sim: 87 % sim: 3.000 IDEAL: 50-2103CT + 50-2100AN
CLL04x/CLU04x
23 deg
Spot
90 %
2.700
IDEAL: 50-2204CT + 50-2100LN
CLL04x/CLU04x
24 deg
Spot
83 %
2.500
A.A.G. STUCCHI: 8102/G2 + S-8000/12
CL-L340
17 deg
Spot
88 %
-
-
CL-L340
22 deg
Spot
80 %
-
-
CLL03x/CLU03x
15 deg
Spot
91 %
6.100
-
February 5th 2018 3:10 Copyright Ledil Oy - Subject to change without prior notice - Page 1/64
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


유사한 부품 번호 - C12597

제조업체부품명데이터시트상세설명
logo
Hamamatsu Corporation
C12597-01 HAMAMATSU-C12597-01_15 Datasheet
128Kb / 2P
HIGH VOLTAGE POWER SUPPLY SOCKET ASSEMBLY
More results

유사한 설명 - C12597

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CN13197 CREE-CN13197 Datasheet
403Kb / 5P
Lenina series
CN13201 CREE-CN13201 Datasheet
420Kb / 6P
Lenina series
CN14106 CREE-CN14106 Datasheet
2Mb / 37P
Lenina series
CN14108 CREE-CN14108 Datasheet
2Mb / 35P
Lenina series
CN12641 CREE-CN12641 Datasheet
403Kb / 5P
Lenina series
CN12650 CREE-CN12650 Datasheet
278Kb / 3P
Lenina series
CN12652 CREE-CN12652 Datasheet
299Kb / 3P
Lenina series
logo
Ledil, Inc.
C12598 LEDIL-C12598 Datasheet
11Mb / 274P
Lenina Reflector
C12599 LEDIL-C12599 Datasheet
9Mb / 220P
Lenina Reflector
C12958 LEDIL-C12958 Datasheet
11Mb / 288P
Lenina Reflector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com