전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

C12597 데이터시트(PDF) 2 Page - Ledil, Inc.

부품명 C12597
상세설명  Lenina Reflector
PDF  285 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEDIL [Ledil, Inc.]
홈페이지  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C12597 데이터시트(HTML) 2 Page - Ledil, Inc.

  C12597 Datasheet HTML 1Page - Ledil, Inc. C12597 Datasheet HTML 2Page - Ledil, Inc. C12597 Datasheet HTML 3Page - Ledil, Inc. C12597 Datasheet HTML 4Page - Ledil, Inc. C12597 Datasheet HTML 5Page - Ledil, Inc. C12597 Datasheet HTML 6Page - Ledil, Inc. C12597 Datasheet HTML 7Page - Ledil, Inc. C12597 Datasheet HTML 8Page - Ledil, Inc. C12597 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 285 page
background image
PRODUCT DATASHEET
Lenina series
last update 1/6/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
CLU710/711
10 deg
Spot
94 %
12.300
-
CLU720/721
12 deg
Spot
89 %
8.200
-
CLL03x/CLU03x
17 deg
Spot
87 %
4.500
-
CLU720/721
13 deg
Spot
84 %
5.800
-
CLU710/711
12 deg
Spot
89 %
7.400
-
CLL04x/CLU04x
26 deg
Spot
86 %
2.600
-
CLU730/731
14 deg
Spot
94 %
6.500
-
CLL04x/CLU04x
30 deg
Spot
78 %
1.900
-
CLU730/731
15 deg
Spot
85 %
4.600
-
CLL04x/CLU04x
26 deg
Spot
91 %
2.600
Bender Wirth: 431 Typ L3
CLL04x/CLU04x
27 deg
Spot
86 %
2.200
Bender Wirth: 431 Typ L3
CLL03x/CLU03x
17 deg
Spot
91 %
5.500
Bender Wirth: 433 Typ L1
CLU700/701
8 deg
Spot
91 %
17.800
Bender Wirth: 434 Typ L1
CLL02x/CLU02x (LES10)
11 deg
Spot
91 %
10.900
Bender Wirth: 434 Typ L1
CLL03x/CLU03x
17 deg
Spot
87 %
4.500
Bender Wirth: 433 Typ L1
CLU700/701
11 deg
Spot
86 %
9.100
Bender Wirth: 434 Typ L1
CLL02x/CLU02x (LES10)
13 deg
Spot
86 %
6.900
Bender Wirth: 434 Typ L1
CLL04x/CLU04x
25 deg
Spot
87 %
2.400
IDEAL: 50-2204CT + 50-2100LN
CLL04x/CLU04x
26 deg
Spot
79 %
2.200
A.A.G. STUCCHI: 8102/G2 + S-8000/12
CXA/B 30xx
sim: 18
Spot
sim: 90 % sim: 4.000 IDEAL: 50-2234C + 50-2100LN
CXA2011
16 deg
Spot
88 %
4.400
-
CXA2011
20 deg
Spot
80 %
3.500
-
CXA/B 15xx
10 deg
Spot
91 %
12.050
-
CXA/B 15xx
12 deg
Spot
86 %
7.600
-
CXA/B 25xx
22 deg
Spot
86 %
3.200
-
CXA/B 25xx
23 deg
Spot
78 %
2.700
-
CXA/B 1816 & CXA/B 1820 & CXA 1850 13 deg
Spot
92 %
8.000
Bender Wirth: 437 Typ L1
CXA/B 15xx
10 deg
Spot
91 %
11.900
Bender Wirth: 441 Typ L1
CXA/B 1816 & CXA/B 1820 & CXA 1850 15 deg
Spot
88 %
5.900
Bender Wirth: 437 Typ L1
CXA/B 15xx
13 deg
Spot
87 %
7.200
Bender Wirth: 441 Typ L1
CXA/B 1816 & CXA/B 1820 & CXA 1850 12 deg
Spot
92 %
9.600
-
CXA/B 1830
NULL deg
Spot
sim: 93 % sim: 5.580 -
CXA/B 30xx
NULL deg
Spot
sim: 84 % sim: 3.300 IDEAL: 50-2234C + 50-2100LN
CXA/B 1830
NULL deg
Spot
-
-
-
CHI3030 29W
33 deg
Spot
87 %
1.700
Bender Wirth: 468 Typ L3
CHI3030 19W
25 deg
Spot
91 %
2.600
Bender Wirth: 468 Typ L3
LUXEON CoB 1216/1812
25 deg
Spot
85 %
2.410
A.A.G. STUCCHI: 8102/G2 + S-8000/12
LUXEON CoB 1204/1205
18 deg
Spot
88 %
4.500
-
LUXEON CoB 1208
20 deg
Spot
89 %
3.900
-
LUXEON CoB 1204/1205
19 deg
Spot
84 %
3.600
-
LUXEON CoB 1208
21 deg
Spot
85 %
3.200
-
LUXEON CoB 1216/1812
27 deg
Spot
91 %
2.500
-
February 5th 2018 3:10 Copyright Ledil Oy - Subject to change without prior notice - Page 2/64
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com