전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BLUENRG-2 데이터시트(PDF) 154 Page - STMicroelectronics

부품명 BLUENRG-2
상세설명  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 데이터시트(HTML) 154 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 150Page - STMicroelectronics BLUENRG-2 Datasheet HTML 151Page - STMicroelectronics BLUENRG-2 Datasheet HTML 152Page - STMicroelectronics BLUENRG-2 Datasheet HTML 153Page - STMicroelectronics BLUENRG-2 Datasheet HTML 154Page - STMicroelectronics BLUENRG-2 Datasheet HTML 155Page - STMicroelectronics BLUENRG-2 Datasheet HTML 156Page - STMicroelectronics BLUENRG-2 Datasheet HTML 157Page - STMicroelectronics BLUENRG-2 Datasheet HTML 158Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 190 page
background image
Functional details
BlueNRG-2
154/190
DocID030675 Rev 2
Bootloader protocol is described in a separate application note.
3.24
Unique device serial number
The BlueNRG-2 device has a unique six-byte serial number stored at address
0x100007F4: it is stored as two words (8 bytes) at addresses 0x100007F4 and
0x100007F8 with unique serial number padded with 0xAA55.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More