전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISM330DLC 데이터시트(PDF) 112 Page - STMicroelectronics

부품명 ISM330DLC
상세설명  iNEMO inertial module: 3D accelerometer and 3D gyroscope with digital output for industrial applications
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330DLC 데이터시트(HTML) 112 Page - STMicroelectronics

Back Button ISM330DLC Datasheet HTML 108Page - STMicroelectronics ISM330DLC Datasheet HTML 109Page - STMicroelectronics ISM330DLC Datasheet HTML 110Page - STMicroelectronics ISM330DLC Datasheet HTML 111Page - STMicroelectronics ISM330DLC Datasheet HTML 112Page - STMicroelectronics ISM330DLC Datasheet HTML 113Page - STMicroelectronics ISM330DLC Datasheet HTML 114Page - STMicroelectronics ISM330DLC Datasheet HTML 115Page - STMicroelectronics ISM330DLC Datasheet HTML 116Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 112 / 116 page
background image
Package information
ISM330DLC
112/116
DocID030686 Rev 2
14
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
14.1
LGA-14L package information
Figure 23. LGA-14L 2.5x3x0.86 mm package outline and mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More