| 전자부품 데이터시트 검색엔진 |
|
L9680 데이터시트(PDF) 63 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9680 데이터시트(HTML) 63 Page - STMicroelectronics |
|
63 / 277 page ![]() 1 1011001 $D9 R/W SAF_DATA_MASK_14_pt1 Safing record data mask X 1 1011010 $DA R/W SAF_DATA_MASK_14_pt2 X 1 1011011 $DB R/W SAF_DATA_MASK_15_pt1 X 1 1011100 $DC R/W SAF_DATA_MASK_15_pt2 X 1 1011101 $DD R/W SAF_DATA_MASK_16_pt1 X 1 1011110 $DE R/W SAF_DATA_MASK_16_pt2 X 1 1011111 $DF R/W SAF_THRESHOLD_1 Safing record threshold X 1 1100000 $E0 R/W SAF_THRESHOLD_2 X 1 1100001 $E1 R/W SAF_THRESHOLD_3 X 1 1100010 $E2 R/W SAF_THRESHOLD_4 X 1 1100011 $E3 R/W SAF_THRESHOLD_5 X 1 1100100 $E4 R/W SAF_THRESHOLD_6 X 1 1100101 $E5 R/W SAF_THRESHOLD_7 X 1 1100110 $E6 R/W SAF_THRESHOLD_8 X 1 1100111 $E7 R/W SAF_THRESHOLD_9 X 1 1101000 $E8 R/W SAF_THRESHOLD_10 X 1 1101001 $E9 R/W SAF_THRESHOLD_11 X 1 1101010 $EA R/W SAF_THRESHOLD_12 X 1 1101011 $EB R/W SAF_THRESHOLD_13 X 1 1101100 $EC R/W SAF_THRESHOLD_14 X 1 1101101 $ED R/W SAF_THRESHOLD_15 X 1 1101110 $EE R/W SAF_THRESHOLD_16 X 1 1101111 $EF R/W SAF_CONTROL_1 Safing record control X 1 1110000 $F0 R/W SAF_CONTROL_2 X 1 1110001 $F1 R/W SAF_CONTROL_3 X Table 6. Global SPI register map (continued) GID RID / WID Hex R/W Name Description Operating State(1) Init Diag Ssafing Scrap Arming |