| 전자부품 데이터시트 검색엔진 |
|
L9680 데이터시트(PDF) 85 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9680 데이터시트(HTML) 85 Page - STMicroelectronics |
|
85 / 277 page ![]() DocID029257 Rev 1 85/277 L9680 SPI interfaces 276 7.3.10 Deployment current monitor registers (DCMTSxy) Deployment Current Monitor Status Channel 0,1 (DDCMTS01) Deployment Current Monitor Status Channel 2,3 (DDCMTS23) Deployment Current Monitor Status Channel 4,5 (DDCMTS45) Deployment Current Monitor Status Channel 6,7 (DDCMTS67) Deployment Current Monitor Status Channel 8,9 (DDCMTS89) Deployment Current Monitor Status Channel A,B (DDCMTSAB) ID: 1F (DDCMTS01) 20 (DDCMTS23) 21 (DDCMTS45) 22 (DDCMTS67) 23 (DDCMTS89) 24 (DDCMTSAB) Type: R Read: 1F00 (DDCMTS01) 2000 (DDCMTS23) 2100 (DDCMTS45) 2202 (DDCMTS67) 2300 (DDCMTS89) 2400 (DDCMTSAB) Write: - 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 MOSI - X XXXXXXXXXXXXXXX MISO 0 0 0 0 Current_Mon_Timer_y[7:0] Current_Mon_Timer_x[7:0] Current_Mon_Timer_y[7:0] $00 $00 $00 Channel y current monitor timer value corresponding to SPI command DCMTSxy. Set to default (cleared) on SSM_RESET or when a new deployment starts on channel y. Increments each 16μs while deployment current exceeds monitor threshold on channel y Current_Mon_Timer_x[7:0] $00 $00 $00 Channel x current monitor timer value corresponding to SPI command DCMTSxy. Set to default (cleared) on SSM_RESET or when a new deployment starts on channel x. Increments each 16μs while deployment current exceeds monitor threshold on channel y |