전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L9680 데이터시트(PDF) 208 Page - STMicroelectronics

부품명 L9680
상세설명  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 데이터시트(HTML) 208 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 204Page - STMicroelectronics L9680 Datasheet HTML 205Page - STMicroelectronics L9680 Datasheet HTML 206Page - STMicroelectronics L9680 Datasheet HTML 207Page - STMicroelectronics L9680 Datasheet HTML 208Page - STMicroelectronics L9680 Datasheet HTML 209Page - STMicroelectronics L9680 Datasheet HTML 210Page - STMicroelectronics L9680 Datasheet HTML 211Page - STMicroelectronics L9680 Datasheet HTML 212Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 277 page
background image
Safing logic
L9680
208/277
DocID029257 Rev 1
Figure 60. Safing engine diagnostic logic
A configurable mask for each internal ARMxINT signal is available for all of the integrated
deployment loops. The un-masked ARMxINT signal for each loop will enable the respective
loop drivers.
Activation of VSF (regulation rail for High Side Safing FET) occurs upon ARMxINT. Actual
High Side Safing FET activation still requires microcontroller signal.
L9680 is able to provide arming signals to external deployment loops by means of four
discrete output ARMx pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More