전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADAS1000BSTZ 데이터시트(PDF) 31 Page - Analog Devices

부품명 ADAS1000BSTZ
상세설명  Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADAS1000BSTZ 데이터시트(HTML) 31 Page - Analog Devices

Back Button ADAS1000BSTZ Datasheet HTML 27Page - Analog Devices ADAS1000BSTZ Datasheet HTML 28Page - Analog Devices ADAS1000BSTZ Datasheet HTML 29Page - Analog Devices ADAS1000BSTZ Datasheet HTML 30Page - Analog Devices ADAS1000BSTZ Datasheet HTML 31Page - Analog Devices ADAS1000BSTZ Datasheet HTML 32Page - Analog Devices ADAS1000BSTZ Datasheet HTML 33Page - Analog Devices ADAS1000BSTZ Datasheet HTML 34Page - Analog Devices ADAS1000BSTZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 80 page
background image
Data Sheet
ADAS1000/ADAS1000-1/ADAS1000-2
Figure 58. Electrode and Lead Configurations, Analog Lead Mode
Figure 59. Electrode and Lead Configurations, Digital Lead Mode
VCM = WCT = (LA + LL + RA)/3
COMMON-
MODE AMP
ECG1_LA
ECG2_LL
ECG3_RA
ECG4_V1
ECG5_V2
AMP
ADC
ADC
ADC
ADC
ADC
CM_IN
FOR EXAMPLE RA
COMMON
ELECTRODE CE IN
+
–
CM_OUT/WCT
LEAD I
(LA – RA)
LEAD III
(LL – LA)
LEAD II
(LL – RA)*
V1’ = V1 – WCT
V2’ = V2 – WCT
WCT = (LA + LL + RA)/3
WCT = (LA + LL + RA)/3
*GETS MULITPLED
BY –1 IN DIGITAL
AMP
+
–
AMP
+
–
AMP
+
–
AMP
+
–
MODE
COMMENT
WORD1
WORD2
WORD3
WORD4
WORD5
ANALOG LEAD
LEAD I
(LA − RA)
LEAD II
(LL − RA)
LEAD III
(LL − LA)
V1’
(V1 − VCM)
V2’
(V2 − VCM)
ANALOG LEAD
0x0A
[4]1
0x01
[10]2
0x05
[8]3
0
1
0
1REGISTER FRMCTL, BIT DATAFMT: 0 = LEAD/VECTOR MODE; 1 = ELECTRODE MODE.
2REGISTER ECGCTL, BIT CHCONFIG: 0 = SINGLE ENDED INPUT (DIGITAL LEAD MODE OR ELECTRODE MODE); 1 = DIFFERENTIAL IN PUT (ANALOG LEAD MODE).
3REGISTER CMREFCTL, BIT CEREFEN: 0 = CE DISABLED; 1 = CE ENABLED.
COMMON-
MODE AMP
AMP
ADC
ADC
ADC
ADC
ADC
CM_IN
FOR EXAMPLE, RA
COMMON
ELECTRODE CE IN
+
–
CM_OUT/WCT
V1 – WCT
V2 – WCT
AMP
+
–
AMP
+
–
AMP
+
–
AMP
+
–
ECG1_LA
ECG 2_LL
ECG3_RA
ECG4_V1
ECG5_V2
LEAD I
LA – RA
LEAD II
LL – RA
LEAD III
LL – LA
VCM = WCT = (LA + LL + RA)/3
MODE
COMMENT
WORD1
WORD2
WORD3
WORD4
WORD5
LEAD I
(LA − RA)
LEAD II
(LL − RA)
LEAD III
(LL − LA)
V1’
(V1 − WCT4)
V2’
(V2 − WCT4)
SINGLE-ENDED
INPUT, DIGITALLY
CALCULATED LEADS
DIGITAL LEAD
0x0A
[4]1
0x01
[10]2
0x05
[8]3
0
0
0
1REGISTER FRMCTL, BIT DATAFMT: 0 = LEAD/VECTOR MODE; 1 = ELECTRODE MODE.
2REGISTER ECGCTL, BIT CHCONFIG: 0 = SINGLE ENDED INPUT (DIGITAL LEAD MODE OR ELECTRODE MODE); 1 = DIFFERENTIAL IN PUT (ANALOG LEAD MODE).
3REGISTER CMREFCTL, BIT CEREFEN: 0 = CE DISABLED; 1 = CE ENABLED.
4WILSON CENTRAL TERMINAL (WCT) = (RA + LA + LL)/3, THIS IS A DIGITALLY CALCULATED WCT BASED ON THE RA, LA, LL MEASUREMENTS.
DIGITAL DOMAIN
CALCULATIONS
Rev. B | Page 31 of 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80