전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADAS1000BCPZ 데이터시트(PDF) 77 Page - Analog Devices

부품명 ADAS1000BCPZ
상세설명  Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADAS1000BCPZ 데이터시트(HTML) 77 Page - Analog Devices

Back Button ADAS1000BCPZ Datasheet HTML 72Page - Analog Devices ADAS1000BCPZ Datasheet HTML 73Page - Analog Devices ADAS1000BCPZ Datasheet HTML 74Page - Analog Devices ADAS1000BCPZ Datasheet HTML 75Page - Analog Devices ADAS1000BCPZ Datasheet HTML 76Page - Analog Devices ADAS1000BCPZ Datasheet HTML 77Page - Analog Devices ADAS1000BCPZ Datasheet HTML 78Page - Analog Devices ADAS1000BCPZ Datasheet HTML 79Page - Analog Devices ADAS1000BCPZ Datasheet HTML 80Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 77 / 80 page
background image
Data Sheet
ADAS1000/ADAS1000-1/ADAS1000-2
SOFTWARE FLOWCHART
Figure 84 shows a suggested sequence of steps to be taken to interface to multiple ADAS1000/ADAS1000-1/ADAS1000-2 devices.
Figure 84. Suggested Software Flowchart for Interfacing to Multiple ADAS1000/ADAS1000-1/ADAS1000-2 Devices
IS CRC
CORRECT?
DRDY
LOW?
POWER UP ADAS1000
DEVICES
ADAS1000 GOES INTO
POWER-DOWN MODE
WAIT FOR POR ROUTINE
TO COMPLETE, 1.5ms
INITIALIZE SLAVE
DEVICES
INITIALIZE MASTER DEVICE
ENABLING CONVERSION
ISSUE READ FRAME
COMMAND (WRITE TO 0x40)
DISCARD
FRAME DATA
ISSUE SCLK CYCLES (SDI = 0)
TO CLOCK FRAME DATA OUT
AT PROGRAMMED DATA RATE
ACTIVITY
ON
SDI?
RETURN
TO ECG
CAPTURE?
POWER-DOWN?
YES
YES
YES
YES
YES
NO
NO
NO
NO
NO
ISSUE READ FRAME
COMMAND (WRITE TO 0x40)
ECG CAPTURE COMPLETE
POWER-DOWN ADAS1000
ECGCTL = 0x0
ADAS1000 STOPS CONVERTING,
SDI WORD USED TO
RECONFIGURE DEVICE
Rev. B | Page 77 of 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80