전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADAS1000BCPZ 데이터시트(PDF) 17 Page - Analog Devices

부품명 ADAS1000BCPZ
상세설명  Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADAS1000BCPZ 데이터시트(HTML) 17 Page - Analog Devices

Back Button ADAS1000BCPZ Datasheet HTML 13Page - Analog Devices ADAS1000BCPZ Datasheet HTML 14Page - Analog Devices ADAS1000BCPZ Datasheet HTML 15Page - Analog Devices ADAS1000BCPZ Datasheet HTML 16Page - Analog Devices ADAS1000BCPZ Datasheet HTML 17Page - Analog Devices ADAS1000BCPZ Datasheet HTML 18Page - Analog Devices ADAS1000BCPZ Datasheet HTML 19Page - Analog Devices ADAS1000BCPZ Datasheet HTML 20Page - Analog Devices ADAS1000BCPZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 80 page
background image
Data Sheet
ADAS1000/ADAS1000-1/ADAS1000-2
ADAS1000
ADAS1000-1
ADAS1000-2
Mnemonic
Description
LQFP
LFCSP
LFCSP
LQFP
LFCSP
1, 16,
17, 32,
33, 48,
49, 64
10, 11, 12,
13, 16
1, 3, 4,
5, 6, 16,
17, 20,
22, 27,
28, 32,
33, 48,
49, 60,
62, 64
10, 11,
12, 13,
16, 18,
46, 47,
52, 54
NC
No connect. Do not connect to these pins (see Figure 7, Figure 9,
Figure 10, and Figure 11).
36
40
GPIO0
General-Purpose I/O.
37
39
GPIO1
General-Purpose I/O.
38
38
GPIO2
General-Purpose I/O.
39
37
GPIO3
General-Purpose I/O.
18
SHIELD
Output of Shield Driver.
61
17
CAL_DAC_IN
Calibration DAC Input. Input for companion device. Calibration signal
comes from the master.
29
45
CLK_IN
Buffered Clock Input. Drive this pin from the master CLK_IO pin.
57
57
57
EPAD
Exposed Pad. The exposed paddle is on the top of the package; it is
connected to the most negative potential, AGND.
Rev. B | Page 17 of 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80