전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STA1078 데이터시트(PDF) 13 Page - STMicroelectronics

부품명 STA1078
상세설명  Telemaco2 family of telematics and connectivity microprocessors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1078 데이터시트(HTML) 13 Page - STMicroelectronics

Back Button STA1078 Datasheet HTML 8Page - STMicroelectronics STA1078 Datasheet HTML 9Page - STMicroelectronics STA1078 Datasheet HTML 10Page - STMicroelectronics STA1078 Datasheet HTML 11Page - STMicroelectronics STA1078 Datasheet HTML 12Page - STMicroelectronics STA1078 Datasheet HTML 13Page - STMicroelectronics STA1078 Datasheet HTML 14Page - STMicroelectronics STA1078 Datasheet HTML 15Page - STMicroelectronics STA1078 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
DocID028356 Rev 1
13/16
STA1074, STA1078, STA1079, STA1088
Package information
16
Table 2. LFBGA361 (16x16x1.7 mm) package mechanical data
Ref
Dimensions
Millimeters
Inches(1)
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
-
-
1.7
-
-
0.0669
A1
0.25
-
-
0.0098
-
-
A2
-
0.3
-
-
0.0118
-
A4
-
-
0.8
-
-
0.0315
b
0.35
0.4
0.48
0.0138
0.0157
0.0189
D
15.85
16
16.15
0.624
0.6299
0.6358
D1
-
14.4
-
-
0.5669
-
E
15.85
16
16.15
0.624
0.6299
0.6358
E1
-
14.4
-
-
0.5669
-
e
-
0.8
-
-
0.0315
-
Z
-
0.8
-
-
0.0315
-
ddd
-
-
0.1
-
-
0.0039
eee
-
-
0.15
-
-
0.0059
fff
-
-
0.08
-
-
0.0031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16