전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PE3C2276-12 데이터시트(PDF) 4 Page - Pasternack Enterprises, Inc.

부품명 PE3C2276-12
상세설명  N Male to TNC Female Bulkhead Low Loss Cable 12 Inch Length Using PE-P142LL Coax, RoHS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PASTERNACK [Pasternack Enterprises, Inc.]
홈페이지  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C2276-12 데이터시트(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE3C2276-12 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C2276-12 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C2276-12 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C2276-12 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C2276-12 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
How to Order
Part Number Configuration:
PE3C2276
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE3C2276-12 = 12 inches long cable
PE3C2276-100cm = 100 cm long cable
N Male to TNC Female Bulkhead Low Loss Cable 12 Inch Length Using PE-P142LL Coax, RoHS from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to TNC Female Bulkhead Low Loss Cable 12 Inch Length Using PE-P142LL Coax,
RoHS PE3C2276-12
URL: https://www.pasternack.com/n-male-tnc-female-pe-p142ll-cable-assembly-pe3c2276-12-p.aspx
PE3C2276-12 REV 1.0
RF Cable Assemblies Technical Data Sheet
N Male to TNC Female Bulkhead Low Loss Cable
12 Inch Length Using PE-P142LL Coax, RoHS
PE3C2276-12



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com