| 전자부품 데이터시트 검색엔진 |
|
TPS54873PWP 데이터시트(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TPS54873PWP 데이터시트(HTML) 2 Page - Texas Instruments |
|
2 / 15 page ![]() TPS54873 SLVS444 – OCTOBER 2002 www.ti.com 2 Thesedevices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. ORDERING INFORMATION TA OUTPUT VOLTAGE PACKAGE PART NUMBER – 40 °C to 85°C 0.9 V to 3.3 V Plastic HTSSOP (PWP)(1) TPS54873PWP (1) The PWP package is also available taped and reeled. Add an R suffix to the device type (i.e., TPS54873PWPR). See the application section of the data sheet for PowerPAD drawing and layout information. ABSOLUTE MAXIMUM RATINGS over operating free-air temperature range unless otherwise noted(1) TPS54873 VIN, SS/ENA, SYNC –0.3 V to 7 V Input voltage range V RT –0.3 V to 6 V Input voltage range, VI VSENSE –0.3 V to 4V BOOT –0.3 V to 17 V Output voltage range V VBIAS, COMP, PWRGD –0.3 V to 7 V Output voltage range, VO PH –0.6 V to 10 V Source current I PH Internallylimited Source current, IO COMP, VBIAS 6 mA PH 12 A Sink current, IS COMP 6 mA Sink current, IS SS/ENA, PWRGD 10 mA Voltage differential AGND to PGND ±0.3 V Operating virtual junction temperature range, TJ –40 °C to 125°C Storage temperature, Tstg –65 °C to 150°C Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds 300 °C (1) Stressesbeyondthoselistedunder“absolutemaximumratings”maycausepermanentdamagetothedevice.Thesearestressratingsonly,and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. RECOMMENDED OPERATING CONDITIONS MIN NOM MAX UNIT Input voltage, VI 4 6 V Operating junction temperature, TJ –40 125 °C DISSIPATION RATINGS(1)(2) PACKAGE THERMAL IMPEDANCE JUNCTION-TO-AMBIENT TA =25°C POWER RATING TA = 70°C POWER RATING TA = 85°C POWER RATING 28 Pin PWP with solder 18.2 °C/W 5.49 W(3) 3.02 W 2.20 W 28 Pin PWP without solder 40.5 °C/W 2.48 W 1.36 W 0.99 W (1) For more information on the PWP package, refer to TI technical brief, literature number SLMA002. (2) Test board conditions: 1. 3” x 3”, 4 layers, thickness: 0.062” 2. 1.5 oz. copper traces located on the top of the PCB 3. 1.5 oz. copper ground plane on the bottom of the PCB 4. 0.5 oz. copper ground planes on the 2 internal layers 5. 12 thermal vias (see “Recommended Land Pattern” in applications section of this data sheet) (3) Maximum power dissipation may be limited by over current protection. |