전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F548GLSPF 데이터시트(PDF) 29 Page - Cypress Semiconductor

부품명 MB90F548GLSPF
상세설명  CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F548GLSPF 데이터시트(HTML) 29 Page - Cypress Semiconductor

Back Button MB90F548GLSPF Datasheet HTML 25Page - Cypress Semiconductor MB90F548GLSPF Datasheet HTML 26Page - Cypress Semiconductor MB90F548GLSPF Datasheet HTML 27Page - Cypress Semiconductor MB90F548GLSPF Datasheet HTML 28Page - Cypress Semiconductor MB90F548GLSPF Datasheet HTML 29Page - Cypress Semiconductor MB90F548GLSPF Datasheet HTML 30Page - Cypress Semiconductor MB90F548GLSPF Datasheet HTML 31Page - Cypress Semiconductor MB90F548GLSPF Datasheet HTML 32Page - Cypress Semiconductor MB90F548GLSPF Datasheet HTML 33Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 70 page
background image
Document Number: 002- 07696 Rev. *A
Page 29 of 70
MB90540G/545G Series
9. CAN Controller
The MB90540G series contains two CAN controllers (CAN0 and CAN1) , the MB90545G series contains only one (CAN0) . The Evaluation Chip
MB90V540G also has two CAN controllers.
The CAN controller has the following features :
 Conforms to CAN Specification Version 2.0 Part A and B
❐ Supports transmission/reception in standard frame and extended frame formats
 Supports transmission of data frames by receiving remote frames
 16 transmitting/receiving message buffers
❐ 29-bit ID and 8-byte data
❐ Multi-level message buffer configuration
 Provides full-bit comparison, full-bit mask, acceptance register 0/acceptance register 1 for each message buffer as ID
acceptance mask
❐ Two acceptance mask registers in either standard frame format or extended frame formats
 Bit rate programmable from 10 Kbps to 1 Mbps (when input clock is at 16 MHz)
List of Control Registers
(Continued)
Address
Register
Abbreviation
Access
Initial Value
CAN0
CAN1
000070H
000080H
Message buffer valid register
BVALR
R/W
00000000 00000000B
000071H
000081H
000072H
000082H
Transmit request register
TREQR
R/W
00000000 00000000B
000073H
000083H
000074H
000084H
Transmit cancel register
TCANR
W
00000000 00000000B
000075H
000085H
000076H
000086H
Transmit complete register
TCR
R/W
00000000 00000000B
000077H
000087H
000078H
000088H
Receive complete register
RCR
R/W
00000000 00000000B
000079H
000089H
00007AH
00008AH
Remote request receiving register
RRTRR
R/W
00000000 00000000B
00007BH
00008BH
00007CH
00008CH
Receive overrun register
ROVRR
R/W
00000000 00000000B
00007DH
00008DH
00007EH
00008EH
Receive interrupt enable register
RIER
R/W
00000000 00000000B
00007FH
00008FH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com