전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F548GLSPF 데이터시트(PDF) 23 Page - Cypress Semiconductor

부품명 MB90F548GLSPF
상세설명  CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F548GLSPF 데이터시트(HTML) 23 Page - Cypress Semiconductor

Back Button MB90F548GLSPF Datasheet HTML 19Page - Cypress Semiconductor MB90F548GLSPF Datasheet HTML 20Page - Cypress Semiconductor MB90F548GLSPF Datasheet HTML 21Page - Cypress Semiconductor MB90F548GLSPF Datasheet HTML 22Page - Cypress Semiconductor MB90F548GLSPF Datasheet HTML 23Page - Cypress Semiconductor MB90F548GLSPF Datasheet HTML 24Page - Cypress Semiconductor MB90F548GLSPF Datasheet HTML 25Page - Cypress Semiconductor MB90F548GLSPF Datasheet HTML 26Page - Cypress Semiconductor MB90F548GLSPF Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 70 page
background image
Document Number: 002- 07696 Rev. *A
Page 23 of 70
MB90540G/545G Series
8. I/O Map
(Continued)
Address
Register
Abbreviation
Access
Resource name
Initial value
00H
Port 0 data register
PDR0
R/W
Port 0
XXXXXXXXB
01H
Port 1 data register
PDR1
R/W
Port 1
XXXXXXXXB
02H
Port 2 data register
PDR2
R/W
Port 2
XXXXXXXXB
03H
Port 3 data register
PDR3
R/W
Port 3
XXXXXXXXB
04H
Port 4 data register
PDR4
R/W
Port 4
XXXXXXXXB
05H
Port 5 data register
PDR5
R/W
Port 5
XXXXXXXXB
06H
Port 6 data register
PDR6
R/W
Port 6
XXXXXXXXB
07H
Port 7 data register
PDR7
R/W
Port 7
XXXXXXXXB
08H
Port 8 data register
PDR8
R/W
Port 8
XXXXXXXXB
09H
Port 9 data register
PDR9
R/W
Port 9
XXXXXXXXB
0AH
Port A data register
PDRA
R/W
Port A
_ _ _ _ _ _ _XB
0BH to 0FH
Reserved
10H
Port 0 direction register
DDR0
R/W
Port 0
0 0 0 0 0 0 0 0B
11H
Port 1 direction register
DDR1
R/W
Port 1
0 0 0 0 0 0 0 0B
12H
Port 2 direction register
DDR2
R/W
Port 2
0 0 0 0 0 0 0 0B
13H
Port 3 direction register
DDR3
R/W
Port 3
0 0 0 0 0 0 0 0B
14H
Port 4 direction register
DDR4
R/W
Port 4
0 0 0 0 0 0 0 0B
15H
Port 5 direction register
DDR5
R/W
Port 5
0 0 0 0 0 0 0 0B
16H
Port 6 direction register
DDR6
R/W
Port 6
0 0 0 0 0 0 0 0B
17H
Port 7 direction register
DDR7
R/W
Port 7
0 0 0 0 0 0 0 0B
18H
Port 8 direction register
DDR8
R/W
Port 8
0 0 0 0 0 0 0 0B
19H
Port 9 direction register
DDR9
R/W
Port 9
0 0 0 0 0 0 0 0B
1AH
Port A direction register
DDRA
R/W
Port A
_ _ _ _ _ _ _0B
1BH
Analog Input Enable register
ADER
R/W
Port 6, A/D
1 1 1 1 1 1 1 1B
1CH
Port 0 Pullup control register
PUCR0
R/W
Port 0
0 0 0 0 0 0 0 0B
1DH
Port 1 Pullup control register
PUCR1
R/W
Port 1
0 0 0 0 0 0 0 0B
1EH
Port 2 Pullup control register
PUCR2
R/W
Port 2
0 0 0 0 0 0 0 0B
1FH
Port 3 Pullup control register
PUCR3
R/W
Port 3
0 0 0 0 0 0 0 0B
20H
Serial Mode Control Register 0
UMC0
R/W
UART0
0 0 0 0 0 1 0 0B
21H
Serial Status Register 0
USR0
R/W
0 0 0 1 0 0 0 0B
22H
Serial input data register 0/
Serial output data register 0
UIDR0/UODR0
R/W
XXXXXXXXB
23H
Rate and data register 0
URD0
R/W
0 0 0 0 0 0 0XB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com