전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F548GSPMC 데이터시트(PDF) 1 Page - Cypress Semiconductor

부품명 MB90F548GSPMC
상세설명  CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F548GSPMC 데이터시트(HTML) 1 Page - Cypress Semiconductor

  MB90F548GSPMC Datasheet HTML 1Page - Cypress Semiconductor MB90F548GSPMC Datasheet HTML 2Page - Cypress Semiconductor MB90F548GSPMC Datasheet HTML 3Page - Cypress Semiconductor MB90F548GSPMC Datasheet HTML 4Page - Cypress Semiconductor MB90F548GSPMC Datasheet HTML 5Page - Cypress Semiconductor MB90F548GSPMC Datasheet HTML 6Page - Cypress Semiconductor MB90F548GSPMC Datasheet HTML 7Page - Cypress Semiconductor MB90F548GSPMC Datasheet HTML 8Page - Cypress Semiconductor MB90F548GSPMC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
MB90F543G(S)/546G(S)/548G(S)/549G(S)/549G(S)/
V540GM/B90543G(S)/547G(S)/548G(S)/F548GL(S)
CMOS F2MC-16LX MB90540G/545G
Series 16-bit Proprietary Microcontroller
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 002- 07696 Rev. *A
Revised 2016 November 30
The MB90540G/545G series with FULL-CAN and Flash ROM is specially designed for automotive and industrial applications. Its
main features are on-board CAN Interfaces (MB90540G series: 2 channels, MB90545G series: 1 channel) , which conform to CAN
V2.0A and V2.0B specifications, supporting very flexible message buffer scheme and so offering more functions than a normal full
CAN approach. The instruction set by F2MC-16LX CPU core inherits an AT architecture of the F2MCfamily with additional instruction
sets for high-level languages, extended addressing mode, enhanced multiplication/division instructions, and enhanced bit manipula-
tion instructions.The micro controller has a 32-bit accumulator for processing long word data.The MB90540G/545G series has
peripheral resources of 8/10-bit A/D converters, UART (SCI) , extended I/O serial interfaces, 8/16-bit timer, I/O timer (input capture
(ICU) , output compare (OCU) ) .
Features
 Clock
Embedded PLL clock multiplication circuit
Operating clock (PLL clock) can be selected from : divided-
by-2 of oscillation or one to four times the oscillation
Minimum instruction execution time : 62.5 ns (operation at
oscillation of 4 MHz, PLL four times multiplied :
machine clock 16 MHz and at operating VCC = 5.0 V)
 Subsystem Clock : 32 kHz
 Instruction set to optimize controller applications
Rich data types (bit, byte, word, long word)
Rich addressing mode (23 types)
Enhanced signed multiplication/division instruction and
RETI instruction functions
Enhanced precision calculation realized by the 32-bit
accumulator
 Instruction set designed for high level language (C
language) and multi-task operations
Adoption of system stack pointer
Enhanced pointer indirect instructions
Barrel shift instructions
 Program patch function (for two address pointers)
 Enhanced execution speed : 4-byte Instruction queue
 Enhanced interrupt function : 8 levels, 34 factors
 Automatic data transmission function independent of CPU
operation
Extended intelligent I/O service function (EI2OS)
 Embedded ROM size and types
MASK ROM : 256 Kbytes / 64 Kbytes / 128 Kbytes
Flash ROM : 128 Kbytes/256 Kbytes
Embedded RAM size : 2 Kbytes/4 Kbytes/6 Kbytes/8 Kbytes
(evaluation chip)
 Flash ROM
Supports automatic programming, Embedded Algorithm
Write/Erase/Erase-Suspend/Resume commands
A flag indicating completion of the algorithm
Hard-wired reset vector available in order to point to a fixed
boot sector in Flash Memory
Erase can be performed on each block
Block protection with external programming voltage
 Low-power consumption (stand-by) mode
Sleep mode (mode in which CPU operating clock is
stopped)
Stop mode (mode in which oscillation is stopped)
CPU intermittent operation mode
Watch mode
Hardware stand-by mode
 Process
0.5
m CMOS technology
 I/O port
General-purpose I/O ports : 81 ports
 Timer
Watchdog timer : 1 channel
8/16-bit PPG timer : 8/16-bit
4 channels
16-bit reload timer : 2 channels
 16-bit I/O timer
16-bit free-run timer : 1 channel
Input capture : 8 channels
Output compare : 4 channels
 Extended I/O serial interface : 1 channel
 UART0
With full-duplex double buffer (8-bit length)
Clock asynchronized or clock synchronized (with start/stop
bit) transmission can be selectively used.
 UART 1 (SCI)
With full-duplex double buffer (8-bit length)
Clock asynchronized or clock synchronized serial (extended
I/O serial) can be used.
 External interrupt circuit (8 channels)
A module for starting an extended intelligent I/O service
(EI2OS) and generating an external interrupt which is
triggered by an external input.
 Delayed interrupt generation module
Generates an interrupt request for switching tasks.
 8/10-bit A/D converter (8 channels)
8/10-bit resolution can be selectively used.


유사한 부품 번호 - MB90F548GSPMC

제조업체부품명데이터시트상세설명
logo
fujitsu semiconductor
MB90F548GSPF FUJITSU-MB90F548GSPF Datasheet
746Kb / 67P
16-bit Proprietary Microcontroller
MB90F548GSPFV FUJITSU-MB90F548GSPFV Datasheet
746Kb / 67P
16-bit Proprietary Microcontroller
More results

유사한 설명 - MB90F548GSPMC

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
MB96F6A5R CYPRESS-MB96F6A5R Datasheet
1Mb / 75P
F2MC-16FX MB966A0 Series 16-bit Proprietary Microcontroller
MB90340E CYPRESS-MB90340E Datasheet
16Mb / 93P
F2MC-16LX 16-bit Microcontroller
MB90350 CYPRESS-MB90350 Datasheet
1Mb / 83P
F2MC-16LX 16-bit Microcontroller
MB90387 CYPRESS-MB90387 Datasheet
1Mb / 82P
16-bit Microcontrollers F2MC-16LX
MB96310 CYPRESS-MB96310 Datasheet
13Mb / 82P
F2MC-16FX 16-bit Proprietary Microcontroller
MB96330 CYPRESS-MB96330 Datasheet
19Mb / 123P
F2MC-16FX 16-bit Proprietary Microcontroller
MB96380 CYPRESS-MB96380 Datasheet
9Mb / 117P
F2MC-16FX 16-bit Proprietary Microcontroller
MB96610 CYPRESS-MB96610 Datasheet
1Mb / 63P
F2MC-16FX,16-bit Proprietary Microcontroller
MB96690 CYPRESS-MB96690 Datasheet
1Mb / 75P
F2MC-16FX , 16-bit Proprietary Microcontroller
logo
Infineon Technologies A...
CY96F353 INFINEON-CY96F353 Datasheet
2Mb / 99P
F2MC-16FX, CY96350 Series, 16-bit Proprietary Microcontroller
June 10, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com