전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MICS08 데이터시트(PDF) 4 Page - Lumberg

부품명 MICS08
상세설명  Micromodul connectors, pitch 1.27 mm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUMBERG [Lumberg]
홈페이지  http://www.lumberg.com
Logo LUMBERG - Lumberg

MICS08 데이터시트(HTML) 4 Page - Lumberg

  MICS08 Datasheet HTML 1Page - Lumberg MICS08 Datasheet HTML 2Page - Lumberg MICS08 Datasheet HTML 3Page - Lumberg MICS08 Datasheet HTML 4Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
30 MICS
01/2018
4
Designation
Pole Number
PU (Pieces)
MDQ (Pieces)
Dimensions
A (mm)
B (mm)
C (mm)
MICS 04
4
1000
2000
3.81
8.86
7.41
MICS 06
6
1000
2000
6.35
11.40
9.95
MICS 08
8
1000
2000
8.89
13.94
12.49
MICS 10
10
1000
2000
11.43
16.48
15.03
MICS 12
12
500
2000
13.97
19.02
17.57
MICS 14
14
500
2000
16.51
21.56
20.11
MICS 16
16
500
1000
19.05
24.10
22.65
MICS 18
18
500
1000
21.59
26.64
25.19
MICS 20
20
500
1000
24.13
29.18
27.73
MICS 26
26
500
1000
31.75
36.80
35.35
MICS 04 0,8 AU
4
1000
2000
3.81
8.86
7.41
MICS 06 0,8 AU
6
1000
2000
6.35
11.40
9.95
MICS 08 0,8 AU
8
1000
2000
8.89
13.94
12.49
MICS 10 0,8 AU
10
1000
2000
11.43
16.48
15.03
MICS 20 0,8 AU
20
500
1000
24.13
29.18
27.73
Packaging:
in bulk, in a cardboard box
of 4



Html Pages

1 2 3 4