전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFH7013 데이터시트(PDF) 3 Page - OSRAM GmbH

부품명 SFH7013
상세설명  Red (655 nm), Green (530 nm) and Infrared Emitter (940 nm)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7013 데이터시트(HTML) 3 Page - OSRAM GmbH

  SFH7013 Datasheet HTML 1Page - OSRAM GmbH SFH7013 Datasheet HTML 2Page - OSRAM GmbH SFH7013 Datasheet HTML 3Page - OSRAM GmbH SFH7013 Datasheet HTML 4Page - OSRAM GmbH SFH7013 Datasheet HTML 5Page - OSRAM GmbH SFH7013 Datasheet HTML 6Page - OSRAM GmbH SFH7013 Datasheet HTML 7Page - OSRAM GmbH SFH7013 Datasheet HTML 8Page - OSRAM GmbH SFH7013 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Version 1.1
SFH 7013
2016-11-11
3
Characteristics (TA = 25 °C)
Parameter
Symbol
Values
Unit
Emitter 1
Peak wavelength
(I
F = 20 mA, tp = 20 ms)
(typ)
λ
peak
660
nm
Centroid wavelength
(IF = 20 mA, tp = 20 ms)
(typ)
λcentroid
655
nm
Spectral bandwidth at 50% of Imax
(IF = 20 mA, tp = 20 ms)
(typ)
∆λ
17
nm
Half angle
(typ)
ϕ
± 65
°
Dimensions of active chip area
(typ)
L x W
0.3 x 0.3
mm x
mm
Rise and fall time of I
e ( 10% and 90% of Ie max)
(IF = 100 mA, RL = 50 Ω)
(typ)
t
r, tf
17
ns
Forward voltage
(IF = 20 mA, tp = 20 ms)
(typ (max)) VF
2.1 (≤ 2.8)
V
Reverse current
(V
R = 5 V)
IR
not designed for
reverse operation
µA
Total radiant flux
(I
F = 20 mA, tp = 20 ms)
(typ)
Φ
e
12
mW
Radiant intensity
(IF = 20 mA, tp = 20 ms)
(typ)
I
e, typ
4
mW/sr
Radiant intensity in axial direction
(IF = 20 mA, tp = 20 ms)
(min)
Ie, min
2
mW / sr
Temperature coefficient of Ie or Φe
(I
F = 20 mA, tp = 20 ms)
(typ)
TCI
-0.7
% / K
Temperature coefficient of V
F
(I
F = 20 mA, tp = 20 ms)
(typ)
TC
V
-1.7
mV / K
Temperature coefficient of wavelength
(IF = 20 mA, tp = 20 ms)
(typ)
TC
λ
0.18
nm / K
Emitter 2
Peak emission wavelength
(I
F = 20 mA, tp = 20 ms)
(typ)
λpeak
526
nm
Centroid wavelength
(I
F = 20 mA, tp = 20 ms)
(typ)
λ
centroid
530
nm
Spectral bandwidth at 50% of I
max
(IF = 20 mA, tp = 20 ms)
(typ)
∆λ
32
nm
Half angle
(typ)
ϕ
± 65
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20