전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFH7013 데이터시트(PDF) 4 Page - OSRAM GmbH

부품명 SFH7013
상세설명  Red (655 nm), Green (530 nm) and Infrared Emitter (940 nm)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7013 데이터시트(HTML) 4 Page - OSRAM GmbH

  SFH7013 Datasheet HTML 1Page - OSRAM GmbH SFH7013 Datasheet HTML 2Page - OSRAM GmbH SFH7013 Datasheet HTML 3Page - OSRAM GmbH SFH7013 Datasheet HTML 4Page - OSRAM GmbH SFH7013 Datasheet HTML 5Page - OSRAM GmbH SFH7013 Datasheet HTML 6Page - OSRAM GmbH SFH7013 Datasheet HTML 7Page - OSRAM GmbH SFH7013 Datasheet HTML 8Page - OSRAM GmbH SFH7013 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
2016-11-11
4
Version 1.1
SFH 7013
Dimensions of active chip area
(typ)
L x W
0.5 x 0.5
mm x
mm
Rise and fall times of I
e ( 10% and 90% of Ie max)
(I
F = 100 mA, RL = 50 Ω)
(typ)
t
r / tf
59
ns
Forward voltage
(IF = 20 mA, tp = 20 ms)
(typ (max)) V
F
3 (≤ 3.4)
V
Reverse current
(VR = 5 V)
(typ (max)) IR
not designed for
reverse operation
µA
Total radiant flux
(I
F = 20 mA, tp = 20 ms)
(typ)
Φe
11
mW
Radiant intensity
(I
F = 20 mA, tp = 20 ms)
(typ)
I
e, typ
3
mW/sr
Radiant intensity
(IF = 20 mA, tp = 20 ms)
(min)
I
e, min
1
mW/sr
Temperature coefficient of Ie or Φe
(IF = 20 mA, tp = 20 ms)
(typ)
TCI
-0.35
% / K
Temperature coefficient of VF
(I
F = 20 mA, tp = 20 ms)
(typ)
TCV
-3.6
mV / K
Temperature coefficient of wavelength
(I
F = 20 mA, tp = 20 ms)
(typ)
TC
λ
0.03
nm / K
Emitter 3
Peak emission wavelength
(IF = 20 mA, tp = 20 ms)
(typ)
λpeak
950
nm
Centroid wavelength
(I
F = 20 mA, tp = 20 ms)
(typ)
λcentroid
940
nm
Spectral bandwidth at 50% of I
max
(I
F = 20 mA, tp = 20 ms)
(typ)
∆λ
42
nm
Half angle
(typ)
ϕ
± 65
°
Dimensions of active chip area
(typ)
L x W
0.3 x 0.3
mm x
mm
Rise and fall times of Ie ( 10% and 90% of Ie max)
(IF = 100 mA, RL = 50 Ω)
(typ)
tr / tf
16
ns
Forward voltage
(I
F = 20 mA, tp = 20 ms)
(typ (max)) V
F
1.3 (≤ 1.6)
V
Reverse current
(typ (max)) I
R
not designed for
reverse operation
µA
Total radiant flux
(IF = 20 mA, tp = 20 ms)
(typ)
Φe
10
mW
Parameter
Symbol
Values
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com