전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BPW34 데이터시트(PDF) 1 Page - OSRAM GmbH

부품명 BPW34
상세설명  Silicon PIN Photodiode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BPW34 데이터시트(HTML) 1 Page - OSRAM GmbH

  BPW34 Datasheet HTML 1Page - OSRAM GmbH BPW34 Datasheet HTML 2Page - OSRAM GmbH BPW34 Datasheet HTML 3Page - OSRAM GmbH BPW34 Datasheet HTML 4Page - OSRAM GmbH BPW34 Datasheet HTML 5Page - OSRAM GmbH BPW34 Datasheet HTML 6Page - OSRAM GmbH BPW34 Datasheet HTML 7Page - OSRAM GmbH BPW34 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2016-03-31
1
2016-03-31
Silicon PIN Photodiode
Version 1.4
BPW 34
Ordering Information
Features:
•
Especially suitable for applications from 400 nm to 1100 nm
•
Short switching time (typ. 20 ns)
•
DIL plastic package with high packing density
Applications
•
Photointerrupters
•
Industrial electronics
•
For control and drive circuits
•
IR remote control of hi-fi and TV sets, dimmers, remote controls of various equipment
Type:
Photocurrent
Ordering Code
I
P [µA]
Ev = 1000 lx, Std. Light A, VR
= 5 V
BPW 34
80 (≥ 50)
Q62702P0073


유사한 부품 번호 - BPW34

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BPW34 VISHAY-BPW34 Datasheet
73Kb / 5P
Silicon PIN Photodiode
20-May-99
logo
Siemens Semiconductor G...
BPW34 SIEMENS-BPW34 Datasheet
50Kb / 5P
Silicon PIN Photodiode
logo
Vishay Siliconix
BPW34 VISHAY-BPW34 Datasheet
124Kb / 5P
Silicon PIN Photodiode
08-Sep-08
BPW34 VISHAY-BPW34 Datasheet
118Kb / 5P
Silicon PIN Photodiode
23-Aug-11
BPW34 VISHAY-BPW34 Datasheet
115Kb / 5P
Silicon PIN Photodiode
23-Aug-11
More results

유사한 설명 - BPW34

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF Datasheet
105Kb / 6P
Silicon PIN Photodiode
16-Nov-99
logo
OPTEK Technologies
OP910 OPTEK-OP910 Datasheet
127Kb / 2P
PIN SILICON PHOTODIODE
Dec-1998
logo
TEMIC Semiconductors
BPW41N TEMIC-BPW41N Datasheet
99Kb / 5P
Silicon PIN Photodiode
logo
OPTEK Technologies
OP906 OPTEK-OP906 Datasheet
500Kb / 2P
PIN Silicon Photodiode
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF_06 Datasheet
143Kb / 7P
Silicon PIN Photodiode
13-Nov-06
BPW24R VISHAY-BPW24R_08 Datasheet
144Kb / 5P
Silicon PIN Photodiode
11-Aug-08
BPW41N VISHAY-BPW41N_08 Datasheet
89Kb / 5P
Silicon PIN Photodiode
08-Sep-08
VBPW34S VISHAY-VBPW34S Datasheet
187Kb / 8P
Silicon PIN Photodiode
20-Apr-10
T330P VISHAY-T330P Datasheet
76Kb / 4P
Silicon PIN Photodiode
16-Jan-12
VEMD11940FX01 VISHAY-VEMD11940FX01 Datasheet
220Kb / 6P
Silicon PIN Photodiode
09-Jan-14
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com