전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BPW34B 데이터시트(PDF) 1 Page - OSRAM GmbH

부품명 BPW34B
상세설명  Silicon PIN Photodiode with Enhanced Blue Sensitivity
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BPW34B 데이터시트(HTML) 1 Page - OSRAM GmbH

  BPW34B Datasheet HTML 1Page - OSRAM GmbH BPW34B Datasheet HTML 2Page - OSRAM GmbH BPW34B Datasheet HTML 3Page - OSRAM GmbH BPW34B Datasheet HTML 4Page - OSRAM GmbH BPW34B Datasheet HTML 5Page - OSRAM GmbH BPW34B Datasheet HTML 6Page - OSRAM GmbH BPW34B Datasheet HTML 7Page - OSRAM GmbH BPW34B Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2016-03-31
1
2016-03-31
Silicon PIN Photodiode with Enhanced Blue Sensitivity; in SMT
Version 1.6
BPW 34 B
Ordering Information
Features:
•
Especially suitable for applications from 350 nm to 1100 nm
•
Short switching time (typ. 25 ns)
•
DIL plastic package with high packing density
Applications
•
Photointerrupters
•
Industrial electronics
•
For control and drive circuits
Type:
Photocurrent
Ordering Code
IP [µA]
λ = 400 nm, E
e = 1 mW/cm
2,
V
R = 5 V
BPW 34 B
14.8 (≥ 10.8)
Q62702P0945


유사한 부품 번호 - BPW34B

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BPW34B SIEMENS-BPW34B Datasheet
31Kb / 4P
Silicon PIN Photodiode with Enhanced Blue Sensitivity
logo
OSRAM GmbH
BPW34B OSRAM-BPW34B Datasheet
70Kb / 6P
Silizium-PIN-Fotodiode mit erhohter Blauempfindlichkeit
BPW34BS OSRAM-BPW34BS Datasheet
70Kb / 6P
Silizium-PIN-Fotodiode mit erhohter Blauempfindlichkeit
BPW34B OSRAM-BPW34B_02 Datasheet
70Kb / 6P
Silizium-PIN-Fotodiode mit erhohter Blauempfindlichkeit
More results

유사한 설명 - BPW34B

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BPW34B SIEMENS-BPW34B Datasheet
31Kb / 4P
Silicon PIN Photodiode with Enhanced Blue Sensitivity
logo
Advanced Photonix, Inc.
SD100-12-22-021 ADVANCEDPHOTONIX-SD100-12-22-021 Datasheet
100Kb / 1P
Blue Enhanced Silicon Photodiode
SD200-12-22-041 ADVANCEDPHOTONIX-SD200-12-22-041 Datasheet
96Kb / 1P
Blue Enhanced Silicon Photodiode
SD200-12-22-241 ADVANCEDPHOTONIX-SD200-12-22-241 Datasheet
97Kb / 1P
Blue Enhanced Silicon Photodiode
SD290-12-22-241 ADVANCEDPHOTONIX-SD290-12-22-241 Datasheet
96Kb / 1P
Blue Enhanced Silicon Photodiode
SD444-12-12-171 ADVANCEDPHOTONIX-SD444-12-12-171 Datasheet
102Kb / 1P
Blue Enhanced Silicon Photodiode
logo
OSRAM GmbH
BPW34-B OSRAM-BPW34-B Datasheet
70Kb / 6P
Silizium-PIN-Fotodiode mit erh철hter Blauempfindlichkeit; in SMT Silicon PIN Photodiode with Enhanced Blue Sensitivity; in SMT
logo
Luna Innovations Incorp...
SD200-12-22-241 LUNA-SD200-12-22-241 Datasheet
182Kb / 2P
Blue Enhanced Silicon Photodiode
SD290-12-22-241 LUNA-SD290-12-22-241 Datasheet
181Kb / 2P
Blue Enhanced Silicon Photodiode
SD100-12-22-021 LUNA-SD100-12-22-021 Datasheet
192Kb / 2P
Blue Enhanced Silicon Photodiode
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com