전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BPW34B 데이터시트(PDF) 3 Page - OSRAM GmbH

부품명 BPW34B
상세설명  Silicon PIN Photodiode with Enhanced Blue Sensitivity
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BPW34B 데이터시트(HTML) 3 Page - OSRAM GmbH

  BPW34B Datasheet HTML 1Page - OSRAM GmbH BPW34B Datasheet HTML 2Page - OSRAM GmbH BPW34B Datasheet HTML 3Page - OSRAM GmbH BPW34B Datasheet HTML 4Page - OSRAM GmbH BPW34B Datasheet HTML 5Page - OSRAM GmbH BPW34B Datasheet HTML 6Page - OSRAM GmbH BPW34B Datasheet HTML 7Page - OSRAM GmbH BPW34B Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Version 1.6
BPW 34 B
2016-03-31
3
Temperature coefficient of ISC
(Std. Light A)
(typ)
TCI
0.18
% / K
Noise equivalent power
(V
R = 10 V, λ = 400 nm)
(typ)
NEP
0.127
pW /
Hz½
Detection limit
(typ)
D*
2.2e12
cm x
Hz
½ / W
Relative Spectral Sensitivity 1) page 7
Srel = f(λ)
Photocurrent / Open-Circuit Voltage 1) page 7
IP (VR = 5 V) / VO = f(EV)
Parameter
Symbol
Values
Unit
λ
OHF01001
0
rel
S
400
600
800
1000
1200
20
40
60
80
%
100
nm
E
OHF01066
V
0
10
P
Ι
-1
10
10
1
10
2
10
4
10
0
10
1
10
2
10
3
4
10
3
10
2
10
1
10
10
0
V
O
µA
mV
Ι
P
V
O
10
3
lx



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com