전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS7615 데이터시트(PDF) 23 Page - Cirrus Logic

부품명 CS7615
상세설명  CCD IMAGER ANALOG PROCESSOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7615 데이터시트(HTML) 23 Page - Cirrus Logic

Back Button CS7615 Datasheet HTML 19Page - Cirrus Logic CS7615 Datasheet HTML 20Page - Cirrus Logic CS7615 Datasheet HTML 21Page - Cirrus Logic CS7615 Datasheet HTML 22Page - Cirrus Logic CS7615 Datasheet HTML 23Page - Cirrus Logic CS7615 Datasheet HTML 24Page - Cirrus Logic CS7615 Datasheet HTML 25Page - Cirrus Logic CS7615 Datasheet HTML 26Page - Cirrus Logic CS7615 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
CS7615
DS231PP6
23
Timing Control - HENB Registers (46h-47h)
46h:
47h:
HEND
Number of pixels from HREF to leading edge of HENB. Default is 1Ch.
HSTART
Number of pixels from HREF to trailing edge of HENB. Default is 68h.
Timing Control - V1X Registers (48h-49h)
48h:
49h:
V1X is a vertical register shift clock.
V1R
Number of pixels from HREF to leading edge of V1X. Default is 22h.
V1F
Number of pixels from HREF to trailing edge of V1X. Default is 36h.
76543210
HEND7
HEND6
HEND5
HEND4
HEND3
HEND2
HEND1
HEND0
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
76543210
HSTART7
HSTART6
HSTART5
HSTART4
HSTART3
HSTART2
HSTART1
HSTART0
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
76543210
V1R7
V1R6
V1R5
V1R4
V1R3
V1R2
V1R1
V1R0
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
76543210
V1F7
V1F6
V1F5
V1F4
V1F3
V1F2
V1F1
V1F0
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com