전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

5802-DS01-R 데이터시트(PDF) 30 Page - Broadcom Corporation.

부품명 5802-DS01-R
상세설명  Single-Chip Security Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOARDCOM [Broadcom Corporation.]
홈페이지  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5802-DS01-R 데이터시트(HTML) 30 Page - Broadcom Corporation.

Back Button 5802-DS01-R Datasheet HTML 26Page - Broadcom Corporation. 5802-DS01-R Datasheet HTML 27Page - Broadcom Corporation. 5802-DS01-R Datasheet HTML 28Page - Broadcom Corporation. 5802-DS01-R Datasheet HTML 29Page - Broadcom Corporation. 5802-DS01-R Datasheet HTML 30Page - Broadcom Corporation. 5802-DS01-R Datasheet HTML 31Page - Broadcom Corporation. 5802-DS01-R Datasheet HTML 32Page - Broadcom Corporation. 5802-DS01-R Datasheet HTML 33Page - Broadcom Corporation. 5802-DS01-R Datasheet HTML 34Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
■ BCM5802
Production Specification
07/03/02
B roa dcom Co rpo rat ion
Page 22 Memory Structures
Document
5802-DS03-405-R
Generation of Cryptography Initial Vector (IV). The cryptographic IV is always read from the context structure
associated with a given packet. This implies that for situations where the IPsec explicit IV mode is used, the host CPU must
copy IV material from packet payload to the context structure. If needed, the host may have to perform byte swapping on
the IV to convert between big and little endian.
For IPsec explicit IV packets, cryptoOffset must point to the word following IV material, and the IV must be copied into packet
payload as well as into the context structure. This ensures that the IV is part of the HMAC computation. For IPsec implicit IV
packets, cryptoOffset must point to the first encrypted payload word, and the IV is not part of packet payload, hence is
automatically left out of the HMAC computation.
Key Setup Processing
Data Buffer Chain Entries. This structure is used to build up a linked list of data buffers for every input and output
message. Each entry in the linked list points at a data buffer that contains actual key set up data, a next field that points to
the next descriptor entry in the linked list, and a length field that contains the number of bytes stored in the data buffer.
Unlike IPsec ESP and AH processing, key setup operations do not involve packet fragmentation. The linked list in each set
of key setup is used to access different data needed for key setup computations. For Diffie-Hellman algorithms used in the
IKE protocol, both the public key Y received from a party with whom the secret is shared and its own secret key x are required
to compute the shared secret. In this case, the first entry points to Y data buffer. The second entry in the data buffer points
to a structure that contains the pointer to x data buffer.
Table 7:
Data Buffer Chain Entries
MSB
LSB
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
98765
43210
Data Buffer Address dataAddr
Next entry in linked list of data buffers next
Reserved
Data buffer length dataLen



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50