| 전자부품 데이터시트 검색엔진 |
|
AM29DS163DB100WAF 데이터시트(PDF) 31 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29DS163DB100WAF 데이터시트(HTML) 31 Page - Advanced Micro Devices |
|
31 / 50 page ![]() Am29DS163D 31 ADV ANCE I N FO RMAT I O N Table 15. Write Operation Status Notes: 1. DQ5 switches to ‘1’ when an Embedded Program or Embedded Erase operation exceeds the maximum timing limits. Refer to the section on DQ5 for more information. 2. DQ7 and DQ2 require a valid address when reading status information. Refer to the appropriate subsection for further details. 3. When reading write operation status bits, the system must always provide the bank address where the Embedded Algorithm is in progress. The device outputs array data if the system addresses a non-busy bank. Status DQ7 (Note 2) DQ6 DQ5 (Note 1) DQ3 DQ2 (Note 2) RY/BY# Standard Mode Embedded Program Algorithm DQ7# Toggle 0 N/A No toggle 0 Embedded Erase Algorithm 0 Toggle 0 1 Toggle 0 Erase Suspend Mode Erase-Suspend- Read Erase Suspended Sector 1 No toggle 0 N/A Toggle 1 Non-Erase Suspended Sector Data Data Data Data Data 1 Erase-Suspend-Program DQ7# Toggle 0 N/A N/A 0 |