전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29DS163DB100WAF 데이터시트(PDF) 44 Page - Advanced Micro Devices

부품명 AM29DS163DB100WAF
상세설명  16 Megabit CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DS163DB100WAF 데이터시트(HTML) 44 Page - Advanced Micro Devices

Back Button AM29DS163DB100WAF Datasheet HTML 40Page - Advanced Micro Devices AM29DS163DB100WAF Datasheet HTML 41Page - Advanced Micro Devices AM29DS163DB100WAF Datasheet HTML 42Page - Advanced Micro Devices AM29DS163DB100WAF Datasheet HTML 43Page - Advanced Micro Devices AM29DS163DB100WAF Datasheet HTML 44Page - Advanced Micro Devices AM29DS163DB100WAF Datasheet HTML 45Page - Advanced Micro Devices AM29DS163DB100WAF Datasheet HTML 46Page - Advanced Micro Devices AM29DS163DB100WAF Datasheet HTML 47Page - Advanced Micro Devices AM29DS163DB100WAF Datasheet HTML 48Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 50 page
background image
44
Am29DS163D
ADV ANCE
I N FO RMAT I O N
AC CHARACTERISTICS
Temporary Sector/Sector Block Unprotect
Note: Not 100% tested.
Parameter
All Speed Options
JEDEC
Std
Description
Unit
tVIDR
VID Rise and Fall Time (See Note)
Min
500
ns
tVHH
VHH Rise and Fall Time (See Note)
Min
500
ns
tRSP
RESET# Setup Time for Temporary
Sector/Sector Block Unprotect
Min
4
µs
tRRB
RESET# Hold Time from RY/BY# High for
Temporary Sector/Sector Block Unprotect
Min
4
µs
RESET#
tVIDR
VID
VSS, VIL,
or VIH
VID
VSS, VIL,
or VIH
CE#
WE#
RY/BY#
tVIDR
tRSP
Program or Erase Command Sequence
tRRB
Figure 24. Temporary Sector/Sector Block
Unprotect Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50