전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMBD352W 데이터시트(PDF) 3 Page - Galaxy Semi-Conductor Holdings Limited

부품명 MMBD352W
상세설명  Schottky Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BILIN [Galaxy Semi-Conductor Holdings Limited]
홈페이지  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

MMBD352W 데이터시트(HTML) 3 Page - Galaxy Semi-Conductor Holdings Limited

  MMBD352W Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited MMBD352W Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited MMBD352W Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Production specification
Schottky Barrier Diode
MMBD352W
F070
www.gmesemi.com
Rev.A
3
PACKAGE OUTLINE
Plastic surface mounted package
SOT-323
SOLDERING FOOTPRINT
Unit : mm
PACKAGE INFORMATION
Device
Package
Shipping
MMBD352W
SOT-323
3000/Tape&Reel
SOT-323
Dim
Min
Max
A
2.00
2.20
B
1.15
1.35
C
0.95 Typical
D
0.30 Typical
E
0.25
0.40
G
1.2
1.4
H
0.02
0.10
J
0.10 Typical
K
2.20
2.40
All Dimensions in mm
1.90
0.65
0.65
0.90
0.70
A
D
J
G
C



Html Pages

1 2 3