전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACT8849 데이터시트(PDF) 27 Page - Active-Semi, Inc

부품명 ACT8849
상세설명  Advanced PMU for Multi-core Application Processors
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTIVE-SEMI [Active-Semi, Inc]
홈페이지  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8849 데이터시트(HTML) 27 Page - Active-Semi, Inc

Back Button ACT8849 Datasheet HTML 23Page - Active-Semi, Inc ACT8849 Datasheet HTML 24Page - Active-Semi, Inc ACT8849 Datasheet HTML 25Page - Active-Semi, Inc ACT8849 Datasheet HTML 26Page - Active-Semi, Inc ACT8849 Datasheet HTML 27Page - Active-Semi, Inc ACT8849 Datasheet HTML 28Page - Active-Semi, Inc ACT8849 Datasheet HTML 29Page - Active-Semi, Inc ACT8849 Datasheet HTML 30Page - Active-Semi, Inc ACT8849 Datasheet HTML 31Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
ACT8849
Rev PrB, 12-Jun-14
Innovative PowerTM
- 27 -
www.active-semi.com
Copyright © 2014 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
ActivePMU
TM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
Control Signals
Enable Inputs
The ACT8849 features a variety of control inputs,
which are used to enable and disable outputs
depending upon the desired mode of operation.
PWREN, PWRHLD are logic inputs, while nPBIN is
a unique, multi-function input.
nPBIN Multi-Function Input
The ACT8849 features the nPBIN multi-function
pin, which combines system enable/disable control
with a hardware reset function. Select either of the
two pin functions by asserting this pin, either
through a direct connection to GA, or through a
50kΩ resistor to GA, as shown in Figure 2.
Manual Reset Function
The second major function of the nPBIN input is to
provide a manual-reset input for the processor. To
manually-reset the processor, drive nPBIN directly
to GA through a low impedance (less than 2.5kΩ).
An internal timer detects the duration of the MR
event:
If the MR is asserted for more than 4s, ACT8849
commences a power cycle routine in which case all
regulators are turned off and then turned back on. A
status bit, PCSTAT[ ], is set after the power cycle.
The PCSTAT[ ] bit is automatically cleared to 0 after
read.
Figure 2:
nPBIN Input
nPBSTAT Output
nPBSTAT is an open-drain output that reflects the
state of the nPBIN input; nPBSTAT is asserted low
whenever nPBIN is asserted, and is high-Z
otherwise. This output is typically used as an
interrupt signal to the processor, to initiate a
software-programmable routine such as operating
mode selection or to open a menu. Connect
nPBSTAT to an appropriate supply voltage through
a 10kΩ or greater resistor.
nIRQ Output
nIRQ is an open-drain output that asserts low any
time an interrupt is generated. Connect a 10kΩ or
greater pull-up resistor from nIRQ to an appropriate
voltage supply. nIRQ is typically used to drive the
interrupt input of the system processor.
Many of the ACT8849's functions support interrupt-
generation as a result of various conditions. These
are typically masked by default, but may be
unmasked via the I
2C interface. For more
information about the available fault conditions,
refer to the appropriate sections of this datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com