| 전자부품 데이터시트 검색엔진 |
|
ACT8849 데이터시트(PDF) 10 Page - Active-Semi, Inc |
|
|
|||||||||||||||||||||||||||||
ACT8849 데이터시트(HTML) 10 Page - Active-Semi, Inc |
|
10 / 35 page ![]() ACT8849 Rev PrB, 12-Jun-14 Innovative PowerTM - 10 - www.active-semi.com Copyright © 2014 Active-Semi, Inc. Active-Semi Confidential―Do Not Copy or Distribute ActivePMU TM is a trademark of Active-Semi. I2CTM is a trademark of NXP. GLOBAL REGISTER MAP CONT’D : Default values of ACT8849QM614-T. BLOCK ADDRESS BITS D7 D6 D5 D4 D3 D2 D1 D0 REG7 0x60 NAME Reserved Reserved VSET[5] VSET[4] VSET[3] VSET[2] VSET[1] VSET[0] DEFAULT 0 1 1 1 0 1 0 0 REG7 0x61 NAME ON Reserved Reserved Reserved Reserved DIS nFLTMSK OK DEFAULT 0 1 0 1 0 1 0 R REG8 0x68 NAME Reserved Reserved VSET[5] VSET[4] VSET[3] VSET[2] VSET[1] VSET[0] DEFAULT 0 1 1 0 0 1 0 0 REG8 0x69 NAME ON Reserved Reserved Reserved Reserved DIS nFLTMSK OK DEFAULT 1 1 0 1 0 1 0 R REG9 0x70 NAME Reserved Reserved VSET[5] VSET[4] VSET[3] VSET[2] VSET[1] VSET[0] DEFAULT 0 1 1 0 0 1 0 0 REG9 0x71 NAME ON Reserved Reserved Reserved Reserved DIS nFLTMSK OK DEFAULT 1 1 0 1 0 1 0 R REG10 0x80 NAME Reserved Reserved VSET[5] VSET[4] VSET[3] VSET[2] VSET[1] VSET[0] DEFAULT 0 1 0 1 0 0 0 0 REG10 0x81 NAME ON Reserved Reserved Reserved Reserved DIS nFLTMSK OK DEFAULT 1 1 0 1 0 1 0 R REG11 0x90 NAME Reserved Reserved VSET[5] VSET[4] VSET[3] VSET[2] VSET[1] VSET[0] DEFAULT 0 1 0 1 1 0 0 0 REG11 0x91 NAME ON Reserved Reserved Reserved Reserved DIS nFLTMSK OK DEFAULT 0 1 0 1 0 1 0 R REG12 0xA0 NAME Reserved Reserved VSET[5] VSET[4] VSET[3] VSET[2] VSET[1] VSET[0] DEFAULT 0 1 0 1 0 0 0 0 REG12 0xA1 NAME ON Reserved Reserved Reserved Reserved DIS nFLTMSK OK DEFAULT 1 1 0 1 0 1 0 R REG13 0xB1 NAME ON Reserved Reserved Reserved Reserved Reserved Reserved Reserved DEFAULT 1 0 0 0 0 0 0 0 PB 0xC0 NAME Reserved Reserved Reserved Reserved Reserved Reserved WDSREN WDPCEN DEFAULT 0 0 0 0 0 0 0 0 PB 0xC1 NAME INTADR[7] INTADR[6] INTADR[5] INTADR[4] INTADR[3] INTADR[2] INTADR[1] INTADR[0] DEFAULT R R R R R R R R PB 0xC2 NAME PBASTAT PBDSTAT PBDAT Reserved Reserved Reserved Reserved Reserved DEFAULT R R R 0 R R R R PB 0xC3 NAME Reserved Reserved Reserved Reserved Reserved Reserved Reserved SIPC DEFAULT 0 0 0 0 0 0 0 0 PB 0xC5 NAME Reserved Reserved Reserved Reserved Reserved Reserved PCSTAT SRSTAT DEFAULT 0 0 0 0 0 0 R R |