전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFH-4235 데이터시트(PDF) 1 Page - OSRAM GmbH

부품명 SFH-4235
상세설명  High Power Infrared Emitter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4235 데이터시트(HTML) 1 Page - OSRAM GmbH

  SFH-4235 Datasheet HTML 1Page - OSRAM GmbH SFH-4235 Datasheet HTML 2Page - OSRAM GmbH SFH-4235 Datasheet HTML 3Page - OSRAM GmbH SFH-4235 Datasheet HTML 4Page - OSRAM GmbH SFH-4235 Datasheet HTML 5Page - OSRAM GmbH SFH-4235 Datasheet HTML 6Page - OSRAM GmbH SFH-4235 Datasheet HTML 7Page - OSRAM GmbH SFH-4235 Datasheet HTML 8Page - OSRAM GmbH SFH-4235 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2016-05-12
1
2016-05-12
High Power Infrared Emitter (850 nm)
Version 1.5
SFH 4235
Ordering Information
Features:
•
IR lightsource with high efficiency
•
Double Stack emitter
•
Low thermal resistance (Max. 9 K/W)
•
Centroid wavelength 850 nm
•
Superior Corrosion Robustness (see chapter package outlines)
•
The product qualification test plan is based on the guidelines of AEC-Q101-REV-C, Stress Test Qualification
for Automotive Grade Discrete Semiconductors.
Applications
•
Infrared Illumination for cameras
•
Surveillance systems
•
Machine vision systems
Notes
Depending on the mode of operation, these devices emit highly concentrated non visible infrared light which
can be hazardous to the human eye. Products which incorporate these devices have to follow the safety
precautions given in IEC 60825-1 and IEC 62471.
Type:
Total Radiant Flux
Ordering Code
Φe [mW]
IF = 1A, tp = 10 ms
SFH 4235
950 (≥630)
Q65110A8900
Note:
Measured with integrating sphere.


유사한 부품 번호 - SFH-4235

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
SFH-4230 OSRAM-SFH-4230 Datasheet
231Kb / 8P
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH-4231 OSRAM-SFH-4231 Datasheet
268Kb / 8P
IR-Lumineszenzdiode (940 nm) mit hoher Ausgangsleistung
SFH-4232 OSRAM-SFH-4232 Datasheet
416Kb / 13P
High Power Infrared Emitter
SFH-4232A OSRAM-SFH-4232A Datasheet
476Kb / 12P
High Power Infrared Emitter
SFH-4233 OSRAM-SFH-4233 Datasheet
186Kb / 12P
High Power Infrared Emitter
More results

유사한 설명 - SFH-4235

제조업체부품명데이터시트상세설명
logo
Marktech Corporate
MTE8600CP MARKTECH-MTE8600CP Datasheet
828Kb / 4P
High Power Infrared Emitter
MTE8600MC MARKTECH-MTE8600MC Datasheet
771Kb / 4P
High Power Infrared Emitter
MTE9460WC MARKTECH-MTE9460WC Datasheet
521Kb / 3P
High Power Infrared Emitter
MTE8600C2 MARKTECH-MTE8600C2_15 Datasheet
769Kb / 3P
High Power Infrared Emitter
logo
OSRAM GmbH
SFH4244 OSRAM-SFH4244_16 Datasheet
411Kb / 13P
High Power Infrared Emitter
SFH-4045N OSRAM-SFH-4045N Datasheet
445Kb / 13P
High Power Infrared Emitter
SFH-4050 OSRAM-SFH-4050 Datasheet
425Kb / 13P
High Power Infrared Emitter
SFH-4240 OSRAM-SFH-4240 Datasheet
454Kb / 13P
High Power Infrared Emitter
SFH-4256 OSRAM-SFH-4256 Datasheet
425Kb / 13P
High Power Infrared Emitter
SFH-4557 OSRAM-SFH-4557 Datasheet
402Kb / 9P
High Power Infrared Emitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com