전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFH-4235 데이터시트(PDF) 3 Page - OSRAM GmbH

부품명 SFH-4235
상세설명  High Power Infrared Emitter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4235 데이터시트(HTML) 3 Page - OSRAM GmbH

  SFH-4235 Datasheet HTML 1Page - OSRAM GmbH SFH-4235 Datasheet HTML 2Page - OSRAM GmbH SFH-4235 Datasheet HTML 3Page - OSRAM GmbH SFH-4235 Datasheet HTML 4Page - OSRAM GmbH SFH-4235 Datasheet HTML 5Page - OSRAM GmbH SFH-4235 Datasheet HTML 6Page - OSRAM GmbH SFH-4235 Datasheet HTML 7Page - OSRAM GmbH SFH-4235 Datasheet HTML 8Page - OSRAM GmbH SFH-4235 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Version 1.5
SFH 4235
2016-05-12
3
Grouping (TA = 25 °C)
Group
Min Total Radiant Flux
Max Total Radiant Flux
I
F = 1A, tp = 10 ms
I
F = 1A, tp = 10 ms
Φ
e min [mW]
Φ
e max [mW]
SFH4235 - EA
630
1000
SFH4235 - EB
800
1250
Note:
Measured with integrating sphere.
Only one group in one package unit ( variation lower 1.6:1)
Relative Spectral Emission 1) page 12
Irel = f(λ), TA = 25°C
Relative Total Radiant Flux 1) page 12
Φe / Φe (1 A) = f(IF), TA = 25°C, Single pulse,
tp= 100μs
700
0
nm
%
OHF04132
20
40
60
80
100
950
750
800
850
Irel
λ
OHF04187
I
F
A
10
-1
5
10 0
5
10 1
1
10
-2
10
-3
10
5
10
10
5
-1
5
0
e
Φ
(1 A)
Φ
e
10
-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com