전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFH-4883 데이터시트(PDF) 6 Page - OSRAM GmbH

부품명 SFH-4883
상세설명  Infrared Emitter (880 nm) in TO-46 Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4883 데이터시트(HTML) 6 Page - OSRAM GmbH

Back Button SFH-4883 Datasheet HTML 2Page - OSRAM GmbH SFH-4883 Datasheet HTML 3Page - OSRAM GmbH SFH-4883 Datasheet HTML 4Page - OSRAM GmbH SFH-4883 Datasheet HTML 5Page - OSRAM GmbH SFH-4883 Datasheet HTML 6Page - OSRAM GmbH SFH-4883 Datasheet HTML 7Page - OSRAM GmbH SFH-4883 Datasheet HTML 8Page - OSRAM GmbH SFH-4883 Datasheet HTML 9Page - OSRAM GmbH SFH-4883 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
2008-02-25
6
Version 1.0
SFH 4883
Permissible Pulse Handling Capability
Zulässige Pulsbelastbarkeit
IF = f(tp), TC = 25 °C, RthJC = 160 K / W, duty cycle D
= parameter
10
10
0
-2
-3
-4
-5
10
10
10
F
I
A
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHF03756
T
t
P
I
F
0.02
0.3
0.2
0.05
0.1
D =
0.005
0.01
0.5
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.6
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com