전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFH-4883 데이터시트(PDF) 3 Page - OSRAM GmbH

부품명 SFH-4883
상세설명  Infrared Emitter (880 nm) in TO-46 Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4883 데이터시트(HTML) 3 Page - OSRAM GmbH

  SFH-4883 Datasheet HTML 1Page - OSRAM GmbH SFH-4883 Datasheet HTML 2Page - OSRAM GmbH SFH-4883 Datasheet HTML 3Page - OSRAM GmbH SFH-4883 Datasheet HTML 4Page - OSRAM GmbH SFH-4883 Datasheet HTML 5Page - OSRAM GmbH SFH-4883 Datasheet HTML 6Page - OSRAM GmbH SFH-4883 Datasheet HTML 7Page - OSRAM GmbH SFH-4883 Datasheet HTML 8Page - OSRAM GmbH SFH-4883 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Version 1.0
SFH 4883
2008-02-25
3
Capacitance
Kapazität
(VR = 0 V, f = 1 MHz)
C0
25
pF
Forward voltage
Durchlassspannung
(IF = 100 mA, tp = 20 ms)
VF
1.5 ( 1.8)
V
Forward voltage
Durchlassspannung
(IF = 1 A, tp = 100 s)
VF
2.4 ( 3)
V
Forward voltage
Durchlassspannung
(IF = 1.5 A, tp = 100 s)
VF
2.9 ( 3.4)
V
Reverse current
Sperrstrom
(VR = 5 V)
IR
0.01 ( 10)
μA
Total radiant flux
Gesamtstrahlungsfluss
(IF= 100 mA, tp= 20 ms)
e
15
mW
Temperature coefficient of Ie or e
Temperaturkoeffizient von Ie bzw. e
(IF = 100 mA, tp = 20 ms)
TCI
-0.5
% / K
Temperature coefficient of VF
Temperaturkoeffizient von VF
(IF = 100 mA, tp = 20 ms)
TCV
-2
mV / K
Temperature coefficient of wavelength
Temperaturkoeffizient der Wellenlänge
(IF = 100 mA, tp = 20 ms)
TC
0.25
nm / K
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com