전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC4371 데이터시트(PDF) 4 Page - Linear Technology

부품명 LTC4371
상세설명  Dual Negative Voltage Ideal Diode-OR Controller and Monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTC4371 데이터시트(HTML) 4 Page - Linear Technology

  LTC4371 Datasheet HTML 1Page - Linear Technology LTC4371 Datasheet HTML 2Page - Linear Technology LTC4371 Datasheet HTML 3Page - Linear Technology LTC4371 Datasheet HTML 4Page - Linear Technology LTC4371 Datasheet HTML 5Page - Linear Technology LTC4371 Datasheet HTML 6Page - Linear Technology LTC4371 Datasheet HTML 7Page - Linear Technology LTC4371 Datasheet HTML 8Page - Linear Technology LTC4371 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LTC4371
4
4371f
For more information www.linear.com/LTC4371
Typical perForMance characTerisTics
Turn-Off Time vs Initial Overdrive
Turn-Off Time vs Final Overdrive
(TOFF vs VFINAL, VINITIAL = 0.1V)
Load Current vs Forward Voltage
Turn-Off Time vs Gate
Capacitance
Gate Current vs Forward Voltage
Drain Current vs Drain Voltage
Drain Current vs Drain Voltage
Supply Current
Shunt Regulator Load Regulation
TA = 25°C, unless otherwise noted.
VDD (V)
0
4
8
12
16
0
100
200
300
400
4371 G01
IZ (mA)
0.01
0.1
1
10
100
12.25
12.38
12.50
12.63
12.75
Shunt Regulator Load Regulation
4371 G02
∆VSD (mV)
0
15
30
45
60
15
0
–15
–30
–45
vs Forward Voltage Drop
4371 G03
VDD = 12.4V
VD (V)
–40
0
40
80
–0.2
–0.1
0
0.1
2.5
5
7.5
10
4371 G04
85°C
25°C
–40°C
VDD = 12.4V
VD (V)
–0.50
–0.25
0
0.25
0.50
0.75
–200
0
200
400
4371 G05
85°C
25°C
–40°C
IPT020N10N3 (2)
∆VSD (mV)
0
10
20
30
40
0
10
20
30
40
50
vs Forward Voltage Drop
4371 G06
VDD = 12.4V
∆VSD = 0.1V TO –0.4V
∆VGATE ≤ 1V
CGATE (nF)
0
10
20
30
40
50
0
100
200
300
400
GATE Capacitance
4371 G07
VDD = 12.4V
∆VSD = VINITIAL TO –0.4V
VINITIAL (V)
0
0.2
0.4
0.6
0.8
1
0
50
100
150
200
250
Initial Overdrive
4371 G08
VDD = 12.4V
∆VSD = 0.1V TO VFINAL
VFINAL (V)
0
–0.2
–0.4
–0.6
–0.8
–1
0
50
100
150
200
250
Final Overdrive
4371 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com